Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2901 Datasheet (PDF) - Texas Instruments

DRV2901 Datasheet PDF - Texas Instruments
Part # DRV2901
Download  DRV2901 Download
File Size   909.51 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage

DRV2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV2901 Datasheet PDF - Texas Instruments

Part # DRV2901
Download  DRV2901 Click to download

File Size   909.51 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage

DRV2901 Datasheet (HTML) - Texas Instruments


DRV2901 Product details

1 Features
• Wide 12 V to 48 V supply voltage operation
• Supports up to 50 W peak power
• High-Efficiency Power Stage with 90-mΩ Output
MOSFETs
• Power-On Reset for Protection on Power Up
Without Any Power-Supply Sequencing
• Integrated Self-Protection Circuits Including
– Undervoltage protection
– Over temperature protection
– Overload protection
– Short Circuit protection
• Available in 44-pin HTSSOP package (DDV)

2 Applications
• Thermal Imaging Camera
• Traffic Monitoring Camera
• Machine Vision Camera
• Wireless Security Camera
• Drone Vision

3 Description
The DRV2901 is a high performance lens cleaner
transducer driver. This system only requires a
simple passive LC demodulation filter to deliver highquality,
high-efficiency amplification with proven EMI
compliance. This device requires two power supplies,
at 12 V for GVDD and VDD, and 12 V to 48 V
for PVDD. The DRV2901 does not require power-up
sequencing due to internal power-on reset.
The DRV2901 has an innovative protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These safeguards are short-circuit protection,
overcurrent protection, undervoltage protection, and
overtemperature protection. The DRV2901 has a
new proprietary current-limiting circuit that reduces
the possibility of device shutdown during high-level
transients.




Similar Part No. - DRV2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2901 TI-DRV2901 Datasheet
942Kb / 23P
DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage
JANUARY 2023
DRV2901DDVR TI-DRV2901DDVR Datasheet
942Kb / 23P
DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage
JANUARY 2023
More results


Similar Description - DRV2901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
Ultrasonic Cleaning
logo
Murata Manufacturing Co...
PV12P103A01B00 MURATA-PV12P103A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P105A01B00 MURATA-PV12P105A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P205A01B00 MURATA-PV12P205A01B00 Datasheet
182Kb / 3P
available for ultrasonic cleaning after soldering
PV12P500A01B00 MURATA-PV12P500A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P501A01B00 MURATA-PV12P501A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P503A01B00 MURATA-PV12P503A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12T101A01B00 MURATA-PV12T101A01B00 Datasheet
182Kb / 3P
available for ultrasonic cleaning after soldering
logo
PETERMANN-TECHNIK
SMD03025-4US PETERMANN-SMD03025-4US Datasheet
807Kb / 4P
Recommended for ultrasonic welding & cleaning
logo
Texas Instruments
DRV2901 TI-DRV2901 Datasheet
942Kb / 23P
DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com