Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAD3151MXA Datasheet (PDF) - ON Semiconductor

FAD3151MXA Datasheet PDF - ON Semiconductor
Part # FAD3151MXA
Download  FAD3151MXA Download
File Size   210.74 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 110 V 2.5 A Single Channel Floating Gate Drivers with Desaturation Protection and Charge Pump

FAD3151MXA Datasheet (PDF)

Go To PDF Page Download Datasheet
FAD3151MXA Datasheet PDF - ON Semiconductor

Part # FAD3151MXA
Download  FAD3151MXA Click to download

File Size   210.74 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 110 V 2.5 A Single Channel Floating Gate Drivers with Desaturation Protection and Charge Pump

FAD3151MXA Datasheet (HTML) - ON Semiconductor


FAD3151MXA Product details

The FAD3151MXA and FAD3171MXA are single channel floating
automotive gate drivers suitable for driving high−speed power
MOSFETs up to 110 V. Designed in a SOI technology, the drivers are
ideal for applications that require noise immunity against severe
negative transients and ground offset up to −80 V.
The FAD3151MXA/71 drivers have an integrated desaturation
detection to protect the power switches during short−circuit and
over−current conditions. The drivers are also equipped with a soft
shutdown feature, which initiates a soft shutdown of driver outputs
upon desat detection, thus preventing possible overvoltage across
power MOSFETs during a heavy−load condition.
The FAD3151MXA/71 drivers are equipped with bidirectional fault
reporting pin that can generate a fault output during desat and
under−voltage lockout (UVLO) condition. The bidirectional nature of
the fault−reporting pin allows the driver to respond to external fault
commands, thereby facilitating fault communication across the
system. In addition, the FAD3171MXA has an integrated charge pump
to support 100% duty cycle operation of high side MOSFETs.
In summary, the FAD3151MXA/71 are versatile drivers with
features like desat detection, soft shutdown, fault reporting capability,
UVLO protection, and charge pump.

Features
 Single Channel Gate Driver with 110 V floating Vs capability
 Negative Transient Capability up to −80 V
 2.5 A Output Source and Sink Current
 MOSFET Drain−Source Desaturation Detection with Soft Shutdown
 Integrated Charge Pump to support 100% Duty Cycle Operation
(FAD3171MXA only)
 Under−voltage Lock Out for both Input Logic and Output Stage
 Bi−directional Fault Reporting Pin
 High Speed Driver with Short Propagation Delay
 dVs/dt Immune to min 50 V/ns
 3.3 V and 5 V Input Logic Compatible
 Up to VDD Swing on Input Pins
 SOIC−8 package
 Automotive Qualified to AEC Q100
 These Devices are Pb−Free and are RoHS Compliant

Typical Applications
 Gate Driver for 80V and 100V MOSFETs
 48 V Belt Starter Generator
 48 V Auxiliary Motor Control (A/C compressor, e−turbo)
 48 V Battery Switches
 48 V DC−DC converter
 PTC Heater, Active Discharge Circuit etc.




Similar Part No. - FAD3151MXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAD3224 ONSEMI-FAD3224 Datasheet
1Mb / 16P
Gate Drivers, High-Speed, Low-Side, Dual 4-A
September, 2025 - Rev. 0
FAD3224T ONSEMI-FAD3224T Datasheet
1Mb / 16P
Gate Drivers, High-Speed, Low-Side, Dual 4-A
September, 2025 - Rev. 0
FAD3224TMX-F085 ONSEMI-FAD3224TMX-F085 Datasheet
1Mb / 16P
Gate Drivers, High-Speed, Low-Side, Dual 4-A
September, 2025 - Rev. 0
FAD3224TUMX-F085 ONSEMI-FAD3224TUMX-F085 Datasheet
1Mb / 16P
Gate Drivers, High-Speed, Low-Side, Dual 4-A
September, 2025 - Rev. 0
More results


Similar Description - FAD3151MXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
EPCOS
B49410A2115Q000 EPCOS-B49410A2115Q000 Datasheet
114Kb / 2P
Single cell 110 F/ 2.5 V
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201_05 Datasheet
70Kb / 8P
Floating, Regulated Charge Pump
September, 2005 ??Rev. 1
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192 Datasheet
736Kb / 17P
Low-Cost, 2-/3-Channel Charge-Pump LED Drivers
logo
Maxim Integrated Produc...
MAX14569 MAXIM-MAX14569 Datasheet
2Mb / 14P
Dual-Pair LLT with Charge Pump and High-ESD Protection
Rev 0; 9/10
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
SiGe Semiconductor, Inc...
AATIAN69 SIGE-AATIAN69 Datasheet
1Mb / 4P
Low-Cost, 2/3-Channel Charge-Pump LED Drivers
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
IXYS Corporation
IXI858 IXYS-IXI858 Datasheet
153Kb / 5P
Gate Driver with VReg and Charge Pump Regulator
logo
First Silicon Co., Ltd
FTK2306 FS-FTK2306 Datasheet
408Kb / 4P
low gate charge and operation with gate low gate charge and operation with gate
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com