Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP170G Datasheet (PDF) - Toshiba Semiconductor

TLP170G Datasheet PDF - Toshiba Semiconductor
Part # TLP170G
Download  TLP170G Download
File Size   340.24 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLP170G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP170G Datasheet PDF - Toshiba Semiconductor

Part # TLP170G
Download  TLP170G Click to download

File Size   340.24 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLP170G Datasheet (HTML) - Toshiba Semiconductor


TLP170G Product details

Modem·Fax Cards, Modems in PC
Telecommunications
PBX
Security Equipment
Measurement Equipment

The Toshiba TLP170G consists of an infrared emitting diode optically
coupled to a photo-MOSFET in a 4-pin SOP package.
This photorelay requires 1mA of LED current to turn it on. It is suitable
for applications that need electrical power savings.

• 4-pin SOP (2.54SOP4): Height = 2.1 mm, Pitch = 2.54 mm
• 1-Form-A
• Peak OFF-state voltage: 350 V (min)
• Trigger LED current: 1 mA (max)
• ON-state current: 100 mA (max)
• ON-state resistance: 35 Ω (max t < 1 s)
• ON-state resistance: 50 Ω (max continuous)
• Isolation voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
File No.E67349
• VDE-approved: EN 60747-5-5 (Note 1)




Similar Part No. - TLP170G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP170GM TOSHIBA-TLP170GM Datasheet
320Kb / 10P
Photocouplers Photorelay
2021-05-31 Rev.2.0
More results


Similar Description - TLP170G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
TOSHIBA Photocoupler Photorelay
2021-04-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com