Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4294A Datasheet (PDF) - TDK Electronics

4294A Datasheet PDF - TDK Electronics
Part # 4294A
Download  4294A Download
File Size   251.89 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for power circuits Wound ferrite

4294A Datasheet (PDF)

Go To PDF Page Download Datasheet
4294A Datasheet PDF - TDK Electronics

Part # 4294A
Download  4294A Click to download

File Size   251.89 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for power circuits Wound ferrite

4294A Datasheet (HTML) - TDK Electronics


4294A Product details

FEATURES
◯ The VLBUC series is a dual coil power inductor developed for TLVR (*).
◯ Compatible with withstand voltage between coils DC100V
◯ It is a narrow width (6 mm) inductor for phase operation and fits the design of the server VR14 generation.
◯ Operating temperature range: –40 to +125°C (including self-temperature rise)

APPLICATION
◯ Trans-Inductor Voltage Regulators (TLVR)




Similar Part No. - 4294A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4294A HP-4294A Datasheet
1,002Kb / 32P
Precision Impedance Analyzer
logo
TDK Electronics
4294A TDK-4294A Datasheet
181Kb / 4P
Inductors for power circuits Wound ferrite
20220712
4294A TDK-4294A Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
4294A TDK-4294A Datasheet
230Kb / 4P
Inductors for power circuits Thin-film metal magnetic material TMS-ALM series
20230410
4294A+16034G TDK-4294A+16034G Datasheet
177Kb / 4P
Inductors for decoupling circuits Multilayer ferrite MLJ-G series (for automotive PoC)
20220601
More results


Similar Description - 4294A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
Inductors for Power Circuits Wound Ferrite
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com