Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4294A Datasheet (PDF) - TDK Electronics

4294A Datasheet PDF - TDK Electronics
Part # 4294A
Download  4294A Download
File Size   220.0 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common mode filters Automotive signal line (for power train/safety)

4294A Datasheet (PDF)

Go To PDF Page Download Datasheet
4294A Datasheet PDF - TDK Electronics

Part # 4294A
Download  4294A Click to download

File Size   220.0 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common mode filters Automotive signal line (for power train/safety)

4294A Datasheet (HTML) - TDK Electronics


4294A Product details

FEATURES
- Common mode filters for automotive Ethernet 10BASE-T1S, compatible with an operating temperature range of –40 to +125°C.
- This product achieves high S-parameter while realizing high reliability by metallizing terminals and laser welding using a proprietary method.
- Operating temperature range: –40 to +125°C
- Compliant with AEC-Q200

APPLICATION
- For Ethernet 10BASE-T1S system (10BASE-T1S)




Similar Part No. - 4294A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4294A HP-4294A Datasheet
1,002Kb / 32P
Precision Impedance Analyzer
logo
TDK Electronics
4294A TDK-4294A Datasheet
181Kb / 4P
Inductors for power circuits Wound ferrite
20220712
4294A TDK-4294A Datasheet
251Kb / 4P
Inductors for power circuits Wound ferrite
20221202
4294A TDK-4294A Datasheet
230Kb / 4P
Inductors for power circuits Thin-film metal magnetic material TMS-ALM series
20230410
4294A+16034G TDK-4294A+16034G Datasheet
177Kb / 4P
Inductors for decoupling circuits Multilayer ferrite MLJ-G series (for automotive PoC)
20220601
More results


Similar Description - 4294A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
Common Mode Filters For general signal line
ACM12V-701-2PL-TL00 TDK-ACM12V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACM90V-701-2PL-TL00 TDK-ACM90V-701-2PL-TL00_16 Datasheet
105Kb / 7P
Common Mode Filters For automotive power line
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_16 Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
ACT45R TDK-ACT45R Datasheet
172Kb / 4P
Common mode filters Automotive signal line
ACT1210 TDK-ACT1210 Datasheet
211Kb / 4P
Common mode filters Automotive signal line
ACT1210G TDK-ACT1210G Datasheet
181Kb / 4P
Common mode filters Automotive signal line
ACT1210L-201 TDK-ACT1210L-201 Datasheet
197Kb / 4P
Common mode filters Automotive signal line
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com