Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VL...ALZQ1 Datasheet (PDF) - Texas Instruments

TDA4VL...ALZQ1 Datasheet PDF - Texas Instruments
Part # TDA4VL...ALZQ1
Download  TDA4VL...ALZQ1 Download
File Size   5009.15 Kbytes
Page   251 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0

TDA4VL...ALZQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA4VL...ALZQ1 Datasheet PDF - Texas Instruments

Part # TDA4VL...ALZQ1
Download  TDA4VL...ALZQ1 Click to download

File Size   5009.15 Kbytes
Page   251 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0

TDA4VL...ALZQ1 Datasheet (HTML) - Texas Instruments


TDA4VL...ALZQ1 Product details

1 Features
Processor cores:
• Two C7x floating point, vector DSP, up to 1.0 GHz,
160 GFLOPS, 512 GOPS
• Deep-learning matrix multiply accelerator (MMA),
up to 8 TOPS (8b) at 1.0 GHz
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators
• Depth and Motion Processing Accelerators
(DMPAC)
• Dual 64-bit Arm® Cortex®-A72 microprocessor
subsystem at up to 2 GHz
– 1MB shared L2 cache per dual-core Cortex®-
A72 cluster
– 32KB L1 DCache and 48KB L1 ICache per
Cortex®-A72 core
• Up to Six Arm® Cortex®-R5F MCUs at up to 1.0
GHz
– 16K I-Cache, 16K D-Cache, 64K L2 TCM
– Two Arm® Cortex®-R5F MCUs in isolated MCU
subsystem
– Four (TDA4VE) or Two (TDA4AL/TDA4VL)
Arm® Cortex®-R5F MCUs in general compute
partition
• GPU IMG BXS-64-4, 256kB Cache, up to 800
MHz, 50 GFLOPS, 4 GTexels/s (TDA4VE and
TDA4VL)
• Custom-designed interconnect fabric supporting
near max processing entitlement
Memory subsystem:
• Up to 4MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• Up to Two External Memory Interface (EMIF)
modules with ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266 MT/s
– Two (TDA4VE) or One (TDA4AL/TDA4VL) 32-
bit data bus with inline ECC up to 17 GB/s per
EMIF
• General-Purpose Memory Controller (GPMC)
• One (TDA4AL/TDA4VL) or Two (TDA4VE) 512KB
on-chip SRAM in MAIN domain, protected by ECC
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
• Developed for functional safety applications
• Documentation available to aid ISO 26262
functional safety system design up to ASIL-D/SIL-3
targeted
• Systematic capability up to ASIL-D/SIL-3 targeted
• Hardware integrity up to ASIL-D/SIL-3 targeted for
MCU Domain
• Hardware integrity up to ASIL-B/SIL-2 targeted for
Main Domain
• Hardware integrity up to ASIL-D/SIL-3 targeted
for Extended MCU (EMCU) portion of the Main
Domain
• Safety-related certification
– ISO 26262 planned
Device security (on select part numbers):
• Secure boot with secure runtime support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
High speed serial interfaces:
• One PCI-Express® (PCIe) Gen3 controllers
– Up to four lanes per controller
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• One USB 3.0 dual-role device (DRD) subsystem
– Enhanced SuperSpeed Gen1 Port
– Supports Type-C switching
– Independently configurable as USB host, USB
peripheral, or USB DRD
• Two CSI2.0 4L RX plus Two CSI2.04L TX
Automotive interfaces:
• Twenty Modular Controller Area Network (MCAN)
modules with full CAN-FD support
Display subsystem:
• One (TDA4AL/TDA4VL) or Two (TDA4VE) DSI 4L
TX (up to 2.5K)
• One eDP 4L (TDA4VE/TDA4VL)
• One DPI
Audio interfaces:
• Five Multichannel Audio Serial Port (MCASP)
modules
Video acceleration:
• TDA4VE: H.264/H.265 Encode/Decode (up to 480
MP/s)
• TDA4AL: H.264/H.265 Encode only (up to 480
MP/s)
• TDA4VL: H.264/H.265 Encode/Decode (up to 240
MP/s)
Ethernet:
• Two RMII/RGMII interfaces
Flash memory interfaces:
• Embedded MultiMediaCard Interface ( eMMC™
5.1)
• One Secure Digital® 3.0/Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0)
• Two simultaneous flash interfaces configured as
– One OSPI or HyperBus™ or QSPI, and
– One QSPI
System-on-Chip (SoC) architecture:
• 16-nm FinFET technology
• 23 mm x 23 mm, 0.8-mm pitch, 770-pin FCBGA
(ALZ)
Companion Power Management ICs (PMIC):
• Functional Safety-Compliant support up to ASILD
/ SIL-3 targeted
• Flexible mapping to support different use cases

2 Applications
• Advanced Driver Assistance System (ADAS)
• Machine vision
• Industrial transport
• Retail automation
• Surveillance

3 Description
The TDA4VE TDA4AL TDA4VL processor family is based on the evolutionary Jacinto™ 7 architecture, targeted
at Smart Vision Camera applications and built on extensive market knowledge accumulated over a decade
of TI’s leadership in the Vision processor market. The TDA4AL provides high performance compute for both
traditional and deep learning algorithms at industry leading power/performance ratios with a high level of
system integration to enable scalability and lower costs for advanced vision camera applications. Key cores
include next generation DSP with scalar and vector cores, dedicated deep learning and traditional algorithm
accelerators, latest Arm and GPU processors for general compute, an integrated next generation imaging
subsystem (ISP), video codec, and isolated MCU island. All protected by automotive grade safety and security
hardware accelerators.
Key Performance Cores Overview: The “C7x” next generation DSP combines TI’s industry leading DSP and
EVE cores into a single higher performance core and adds floating-point vector calculation capabilities, enabling
backward compatibility for legacy code while simplifying software programming. The new “MMA” deep learning
accelerator enables performance up to 8 TOPS within the lowest power envelope in the industry when operating
at the typical automotive worst case junction temperature of 125°C. The dedicated Vision hardware accelerators
provide vision pre-processing with no impact on system performance.
General Compute Cores and Integration Overview: Separate dual core cluster configuration of Arm®
Cortex®-A72 facilitates multi-OS applications with minimal need for a software hypervisor. Up to four Arm®
Cortex®-R5F subsystems enable low-level, timing critical processing tasks to leave the Arm® Cortex®-A72
core’s unencumbered for applications. Building on the existing world-class ISP, TI’s 7th generation ISP includes
flexibility to process a broader sensor suite, support for higher bit depth, and features targeting analytics
applications. Integrated diagnostics and safety features support operations up to ASIL-D levels while the
integrated security features protect data against modern day attacks. CSI2.0 ports enable multi sensor inputs. To
further the integration, the TDA4VE TDA4AL TDA4VL family also includes an MCU island eliminating the need
for an external system microcontroller.




Similar Part No. - TDA4VL...ALZQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA4VEN TI-TDA4VEN Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
TDA4VEN TI-TDA4VEN Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
TDA4VEN-Q1 TI1-TDA4VEN-Q1 Datasheet
4Mb / 234P
TDA4VEN, TDA4AEN Jacinto™ Processors
MARCH 2024
TDA4VEN-Q1 TI-TDA4VEN-Q1 Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
TDA4VEN-Q1 TI-TDA4VEN-Q1 Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
More results


Similar Description - TDA4VL...ALZQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
Sitara Processors Silicon Revision 1.0
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
TDA4VM TI1-TDA4VM Datasheet
3Mb / 311P
TDA4VM Jacinto??Automotive Processors for ADAS and Autonomous Vehicles Silicon Revision 1.0
AM6548 TI1-AM6548_V01 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
AM68A TI-AM68A Datasheet
4Mb / 251P
AM68Ax Processors, Silicon Revision 1.0
FEBRUARY 2023
AM69A TI-AM69A Datasheet
5Mb / 299P
AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
DRA821U-Q1 TI-DRA821U-Q1_V01 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
AM69A TI1-AM69A_V01 Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
AM68A TI1-AM68A_V01 Datasheet
4Mb / 253P
AM68x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com