Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VL...ALZQ1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TDA4VL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VL...ALZQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDA4VL...ALZQ1 Datasheet HTML 2Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 3Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 4Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 5Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 6Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 7Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 8Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 9Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 251 page
background image
5 Device Comparison
Table 5-1 shows the features of the SoC.
Table 5-1. Device Comparison
FEATURES(6)
REFERENCE NAME
TDA4VE88
TDA4AL88
TDA4VL21
PROCESSORS AND ACCELERATORS
Speed Grades
T, N
T, N
H
Arm Cortex-A72 Microprocessor Subsystem
Arm A72
Dual Core
Dual Core
Dual Core
Arm Cortex-R5F
Arm R5F
Hexa Core
Quad Core
Quad Core
Lockstep
Optional(1)
Optional(1)
Optional(1)
Security Management Subsystem
SMS
Yes
Yes
Yes
Security Accelerators
SA
Yes
Yes
Yes
C7x Floating Point, Vector DSP
C7x DSP
Dual Core
Dual Core
Dual Core
Deep Learning Accelerator
MMA
Yes
Yes
Yes
Graphics Accelerator IMG BXS-64-4
GPU
Yes
No
Yes
Depth and Motion Processing Accelerators
DMPAC
Yes
Yes
Yes
Vision Processing Accelerators
VPAC
Yes
Yes
Yes
Video Encoder/Decoder
VENC/VDEC
Enc/Dec
Enc only
Enc/Dec
SAFETY AND SECURITY
Safety Targeted
Safety
Optional(1)
Optional(1)
Optional(1)
Device Security
Security
Optional(2)
Optional(2)
Optional(2)
AEC-Q100 Qualified
Q1
Optional(3)
Optional(3)
Optional(3)
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN
Domain
OCSRAM
2x512KB SRAM
1x512KB SRAM
1x512KB SRAM
On-Chip Shared Memory (RAM) in MCU
Domain
MCU_MSRAM
1MB SRAM
1MB SRAM
1MB SRAM
Multicore Shared Memory Controller
MSMC
4MB (On-Chip SRAM
with ECC)
4MB (On-Chip SRAM
with ECC)
4MB (On-Chip SRAM
with ECC)
LPDDR4 DDR Subsystem
DDRSS0
Up to 8GB (32-bit
data) with inline ECC
Up to 8GB (32-bit
data) with inline ECC
Up to 8GB (32-bit
data) with inline ECC
DDRSS1
Up to 8GB (32-bit
data) with inline ECC
No(8)
No(8)
SECDED
7-Bit
7-Bit
7-Bit
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
Up to 1GB with ECC
Up to 1GB with ECC
PERIPHERALS
Display Subsystem
DSS
Yes
Yes
Yes
DSI 4L TX
2
1(10)
1(10)
eDP 4L
1
0
1
DPI
1
1
1
Modular Controller Area Network Interface
with Full CAN-FD Support
MCAN
20
20
20
General-Purpose I/O
GPIO
155
155
155
Inter-Integrated Circuit Interface
I2C
10
10
10
Improved Inter-Integrated Circuit Interface
I3C
1
1
1
Analog-to-Digital Converter
ADC
2
2
2
Capture Subsystem with Camera Serial
Interface (CSI2)
CSI2.0 4L RX
2
2
2
CSI2.0 4L TX
2
2
2
Multichannel Serial Peripheral Interface
MCSPI
11
11
11
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com