Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VL...ALZQ1 Datasheet(PDF) 15 Page - Texas Instruments

Part # TDA4VL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VL...ALZQ1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TDA4VL...ALZQ1 Datasheet HTML 11Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 12Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 13Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 14Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 15Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 16Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 17Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 18Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
Y3
DDR0_DQ23
DDR0_DQ23
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AB3
DDR0_DQ24
DDR0_DQ24
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AA2
DDR0_DQ25
DDR0_DQ25
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AA4
DDR0_DQ26
DDR0_DQ26
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
Y5
DDR0_DQ27
DDR0_DQ27
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AC2
DDR0_DQ28
DDR0_DQ28
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AB5
DDR0_DQ29
DDR0_DQ29
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AD2
DDR0_DQ30
DDR0_DQ30
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AC4
DDR0_DQ31
DDR0_DQ31
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
H1
DDR0_DQS0N
DDR0_DQS0N
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
G1
DDR0_DQS0P
DDR0_DQS0P
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
M1
DDR0_DQS1N
DDR0_DQS1N
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
L1
DDR0_DQS1P
DDR0_DQS1P
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
U1
DDR0_DQS2N
DDR0_DQS2N
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
V1
DDR0_DQS2P
DDR0_DQS2P
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AC1
DDR0_DQS3N
DDR0_DQS3N
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com