Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VL...ALZQ1 Datasheet(PDF) 93 Page - Texas Instruments

Part # TDA4VL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VL...ALZQ1 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TDA4VL...ALZQ1 Datasheet HTML 89Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 90Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 91Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 92Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 93Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 94Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 95Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 96Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 251 page
background image
Table 6-116. Power Supply Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
CAP_VDDS5(1)
CAP
External Capacitor Connection
M22
VDDAR_CORE
PWR
Core RAM Supply
N17, V11, V16, Y20
VDDAR_CPU
PWR
CPU RAM Supply
H9, K14, P11, P14, V13
VDDAR_MCU
PWR
MCU RAM Supply
K17, K19
VDDA_0P8_DSITX
PWR
Analog Supply for DSITX
AB14
VDDA_0P8_DSITX_C
PWR
DSITX Clock Supply
AB15
VDDA_0P8_USB
PWR
USB 0.8V Supply
AB8
VDDA_0P8_CSIRX0_1
PWR
Analog Supply for CSIRX
AB17, AB18
VDDA_0P8_DLL_MMC0
PWR
MMC DLL Analog Supply
W7
VDDA_0P8_PLL_DDR0
PWR
DDR de-skew PLL Analog Supply
P10
VDDA_0P8_PLL_DDR1
PWR
DDR de-skew PLL Analog Supply
J14
VDDA_0P8_SERDES0_1
PWR
SERDES 0.8V Supply
AB10, AB11
VDDA_0P8_SERDES_C0_1
PWR
SERDES 0.8V Clock Supply
AA10, AA11
VDDA_1P8_DSITX
PWR
Analog Supply for DSITX
AA14, AA15
VDDA_1P8_USB
PWR
USB 1.8V Supply
AB7
VDDA_1P8_CSIRX0_1
PWR
Analog Supply for CSIRX
AA17, AA19
VDDA_1P8_SERDES0_1
PWR
SERDES 1.8V Supply
AA12
VDDA_1P8_SERDES2_4
PWR
SERDES 1.8V Supply
AB13
VDDA_3P3_USB
PWR
USB 3.3V Supply
AB9
VDDA_ADC0
PWR
ADC0 Analog Supply
J21
VDDA_ADC1
PWR
ADC1 Analog Supply
K21
VDDA_MCU_PLLGRP0
PWR
Analog Supply for MCU PLL Group 0
K22
VDDA_MCU_TEMP
PWR
Analog Supply for MCU temperature sensor
J17
VDDA_OSC1
PWR
HFOSC1 Supply
L21
VDDA_PLLGRP0
PWR
Analog Supply for MAIN PLL Group 0
U18
VDDA_PLLGRP1
PWR
Analog Supply for MAIN PLL Group 1
V19
VDDA_PLLGRP2
PWR
Analog Supply for MAIN PLL Group 2
Y11
VDDA_PLLGRP5
PWR
Analog Supply for MAIN PLL Group 5
N14
VDDA_PLLGRP6
PWR
Analog Supply for MAIN PLL Group 6
R12
VDDA_PLLGRP7
PWR
Analog Supply for MAIN PLL Group 7
R11
VDDA_PLLGRP8
PWR
Analog Supply for MAIN PLL Group 8
K12
VDDA_PLLGRP9
PWR
Analog Supply for MAIN PLL Group 9
T18
VDDA_PLLGRP10
PWR
Analog Supply for MAIN PLL Group 10
Y16
VDDA_PLLGRP12
PWR
Analog Supply for MAIN PLL Group 12
Y18
VDDA_PLLGRP13
PWR
Analog Supply for MAIN PLL Group 13
V12
VDDA_POR_WKUP
PWR
WKUP domain Analog Supply
L20
VDDA_TEMP0
PWR
Analog Supply for temperature sensor 0
U19
VDDA_TEMP1
PWR
Analog Supply for temperature sensor 1
K10
VDDA_TEMP2
PWR
Analog Supply for temperature sensor 2
T16
VDDA_TEMP3
PWR
Analog Supply for temperature sensor 3
U10
VDDA_TEMP4
PWR
Analog Supply for temperature sensor 4
Y14
VDDA_WKUP
PWR
Oscillator Supply for WKUP domain
J22
VDDSHV0
PWR
IO Power Supply
R21, U21, U22
VDDSHV0_MCU
PWR
IO Power Supply
H19, H20
VDDSHV1_MCU
PWR
IO Power Supply
H16, J16
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
93
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com