Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VL...ALZQ1 Datasheet(PDF) 62 Page - Texas Instruments

Part # TDA4VL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VL...ALZQ1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TDA4VL...ALZQ1 Datasheet HTML 58Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 59Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 60Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 61Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 62Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 63Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 64Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 65Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 251 page
background image
Table 6-7. DDRSS1 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
DDR1_DQ18
IO
DDRSS Data
C8
DDR1_DQ19
IO
DDRSS Data
A8
DDR1_DQ20
IO
DDRSS Data
C6
DDR1_DQ21
IO
DDRSS Data
E6
DDR1_DQ22
IO
DDRSS Data
B5
DDR1_DQ23
IO
DDRSS Data
D5
DDR1_DQ24
IO
DDRSS Data
B1
DDR1_DQ25
IO
DDRSS Data
A4
DDR1_DQ26
IO
DDRSS Data
C4
DDR1_DQ27
IO
DDRSS Data
E4
DDR1_DQ28
IO
DDRSS Data
D1
DDR1_DQ29
IO
DDRSS Data
D3
DDR1_DQ30
IO
DDRSS Data
C2
DDR1_DQ31
IO
DDRSS Data
E2
DDR1_DQS0N
IO
DDRSS Complimentary Data Strobe
A15
DDR1_DQS0P
IO
DDRSS Data Strobe
A16
DDR1_DQS1N
IO
DDRSS Complimentary Data Strobe
A12
DDR1_DQS1P
IO
DDRSS Data Strobe
A13
DDR1_DQS2N
IO
DDRSS Complimentary Data Strobe
A7
DDR1_DQS2P
IO
DDRSS Data Strobe
A6
DDR1_DQS3N
IO
DDRSS Complimentary Data Strobe
A2
DDR1_DQS3P
IO
DDRSS Data Strobe
A3
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.3 GPIO
6.3.3.1 MAIN Domain
Table 6-8. GPIO0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
GPIO0_0
IO
General Purpose Input/Output
AG24
GPIO0_1
IO
General Purpose Input/Output
W25
GPIO0_2
IO
General Purpose Input/Output
AC24
GPIO0_3
IO
General Purpose Input/Output
AE28
GPIO0_4
IO
General Purpose Input/Output
AF28
GPIO0_5
IO
General Purpose Input/Output
AD25
GPIO0_6
IO
General Purpose Input/Output
W23
GPIO0_7
IO
General Purpose Input/Output
Y24
GPIO0_8
IO
General Purpose Input/Output
AA23
GPIO0_9
IO
General Purpose Input/Output
Y28
GPIO0_10
IO
General Purpose Input/Output
AB24
GPIO0_11
IO
General Purpose Input/Output
V23
GPIO0_12
IO
General Purpose Input/Output
T26
GPIO0_13
IO
General Purpose Input/Output
AD24
GPIO0_14
IO
General Purpose Input/Output
AB28
GPIO0_15
IO
General Purpose Input/Output
U27
GPIO0_16
IO
General Purpose Input/Output
AC28
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
62
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com