Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VL...ALZQ1 Datasheet(PDF) 92 Page - Texas Instruments

Part # TDA4VL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VL...ALZQ1 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TDA4VL...ALZQ1 Datasheet HTML 88Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 89Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 90Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 91Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 92Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 93Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 94Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 95Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 251 page
background image
Table 6-113. System Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
OBSCLK0
O
Observation clock output for test and debug purposes
only
AG25
OBSCLK1
O
Observation clock output for test and debug purposes
only
Y26
PMIC_POWER_EN1
O
Power enable output for MAIN Domain supplies
G26
PMIC_WAKE0n
OD
PMIC WakeUp
AD24
PMIC_WAKE1n
O
PMIC WakeUp
K26
PORz
I
SoC PORz Reset Signal
K23
RESETSTATz
O
Main Domain Warm Reset status output
AF27
RESET_REQz
I
Main Domain external Warm Reset request input
A24
SOC_SAFETY_ERRORn
IO
Error signal output from Main Domain ESM
AF25
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0
AB26
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1
AD28
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2
T28
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3
Y27
SYSCLKOUT0
O
SYSCLK0 output from Main PLL controller (divided by
6) for test and debug purposes only
AE25
6.3.30.4 EFUSE
Table 6-114. EFUSE Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
VPP_CORE
PWR
Programming Voltage for MAIN Domain Efuses
V22
VPP_MCU
PWR
Programming Voltage for MCU Domain Efuses
H22
6.3.30.5 VMON
Table 6-115. VMON POK Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
VMON1_ER_VSYS
A
Voltage Monitor, fixed 0.45V (+/-3%) threshold. Use
with external precision voltage divider to monitor a
higher voltage rail such as the PMIC input supply.
H23
VMON2_IR_VCPU
A
Must be externally connected directly to VDD_CPU
M18
VMON3_IR_VEXT1P8
A
General purpose voltage monitor for external supplies,
1.8V threshold. With internal resistor divider.
L22
VMON4_IR_VEXT1P8
A
General purpose voltage monitor for external supplies,
1.8V threshold. With internal resistor divider.
N19
VMON5_IR_VEXT3P3
A
General purpose voltage monitor for external supplies,
3.3V threshold. With internal resistor divider.
N20
VMON6_IR_VEXT0P8
A
General purpose voltage monitor for external supplies,
0.8V threshold. With internal resistor divider.
L18
6.3.31 Power
Table 6-116. Power Supply Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
CAP_VDDS0(1)
CAP
External Capacitor Connection
T21
CAP_VDDS0_MCU(1)
CAP
External Capacitor Connection
J20
CAP_VDDS1_MCU(1)
CAP
External Capacitor Connection
G16
CAP_VDDS2(1)
CAP
External Capacitor Connection
P21
CAP_VDDS2_MCU(1)
CAP
External Capacitor Connection
H17
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com