Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0028 Datasheet (PDF) - Tyco Electronics

MAAPGM0028 Datasheet PDF - Tyco Electronics
Part # MAAPGM0028
Download  MAAPGM0028 Download
File Size   213.92 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2.0-6.5 GHz 0.5W Power Amplifier

MAAPGM0028 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0028 Datasheet PDF - Tyco Electronics

Part # MAAPGM0028
Download  MAAPGM0028 Click to download

File Size   213.92 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2.0-6.5 GHz 0.5W Power Amplifier

MAAPGM0028 Datasheet (HTML) - Tyco Electronics


MAAPGM0028 Product details

Description
The MAAPGM0028 is a packaged, 2-stage, 0.5W power amplifier with on-chip bias networks in a bolt down ceramic package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.

Features
♦ 0.5 Watt Saturated Output Power Level
♦ Variable Drain Voltage (4-10V) Operation
♦ MSAG™ Process

Primary Applications
♦ MMDS, WLL
♦ 5.1- 5.9 GHz HyperLAN
♦ UNII




Similar Part No. - MAAPGM0028

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
5.0-8.5GHz 2W Power Amplifier
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
428Kb / 9P
Amplifier, Power, 2W 5.0-8.5 GHz
MAAPGM0021-DIE MACOM-MAAPGM0021-DIE Datasheet
404Kb / 6P
2W C/X-Band Power Amplifier 4.5-9.0 GHz
MAAPGM0021-SMB MACOM-MAAPGM0021-SMB Datasheet
428Kb / 9P
Amplifier, Power, 2W 5.0-8.5 GHz
MAAPGM0026-DIE MACOM-MAAPGM0026-DIE Datasheet
186Kb / 5P
Amplifier, Power, 0.6W 1.5-3.3 GHz
More results


Similar Description - MAAPGM0028

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
Amplifier, Power, 0.5W 12.7-15.4 GHz
MAAPGM0029 MACOM-MAAPGM0029 Datasheet
205Kb / 5P
3.6-6.5 GHz 1W Power Amplifier
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
212Kb / 5P
Amplifier, Power, 2.0 W 6.5-9.5 GHz
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
Amplifier, Power, 2W 6.5-9.5 GHz
MAAPGM0029-DIE MACOM-MAAPGM0029-DIE Datasheet
213Kb / 5P
Amplifier, Power, 1W 3.5-6.5 GHz
MAAPGM0037-DIE MACOM-MAAPGM0037-DIE Datasheet
189Kb / 5P
Amplifier, Power, 1.0W 6.5-12.5 GHz
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
Amplifier, Power, 0.5W 11.5-16.5 GHz
logo
Excelics Semiconductor,...
EMP109 EXCELICS-EMP109 Datasheet
204Kb / 3P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com