Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0064 Datasheet (PDF) - Tyco Electronics

MAAPGM0064 Datasheet PDF - Tyco Electronics
Part # MAAPGM0064
Download  MAAPGM0064 Download
File Size   212.18 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 2.0 W 6.5-9.5 GHz

MAAPGM0064 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0064 Datasheet PDF - Tyco Electronics

Part # MAAPGM0064
Download  MAAPGM0064 Click to download

File Size   212.18 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 2.0 W 6.5-9.5 GHz

MAAPGM0064 Datasheet (HTML) - Tyco Electronics


MAAPGM0064 Product details

Description
The MAAP-000064-PKG003 is a 2-stage 2.0 W power amplifier with on-chip bias networks in a 5mm, 20 lead PQFN package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.
Each device is 100% RF tested to ensure performance compliance. The part is fabricated using M/A-COM’s GaAs Multifunction Self-Aligned Gate (MSAG) Process.
The 5 mm PQFN package has a lead-free lead finish that is RoHS compliant and compatible with a 260oC reflow temperature. The package also features low lead inductance and an excellent thermal path. The MTTF is 1,000,000 hours at 170°C.

Features
♦ 2 Watt Saturated Output Power Level
♦ Variable Drain Voltage (6-10V) Operation
♦ MSAG™ Process

Primary Applications
♦ Multiple Band Point-to-Point Radio
♦ SatCom
♦ ISM Band




Similar Part No. - MAAPGM0064

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
152Kb / 4P
Amplifier, Power, 2W 6.5-9.5 GHz
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
216Kb / 5P
Variable Drain Voltage (4-10V) Operation
MAAPGM0064-DIE MACOM-MAAPGM0064-DIE Datasheet
216Kb / 5P
Variable Drain Voltage (4-10V) Operation
More results


Similar Description - MAAPGM0064

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
2.0-6.5 GHz 0.5W Power Amplifier
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
Amplifier, Power, 2W 6.5-9.5 GHz
MAAPGM0053-DIE MACOM-MAAPGM0053-DIE Datasheet
339Kb / 5P
Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
MAAPGM0057-DIE MACOM-MAAPGM0057-DIE Datasheet
336Kb / 6P
2.0-13.0 GHz 1.2 W Power Amplifier
MAAPGM0062-DIE MACOM-MAAPGM0062-DIE Datasheet
569Kb / 5P
9.5-12.0 GHZ, 4W Power Amplifier
logo
Excelics Semiconductor,...
EMP108 EXCELICS-EMP108 Datasheet
163Kb / 2P
7.0 - 9.5 GHz Power Amplifier MMIC
EMP210 EXCELICS-EMP210 Datasheet
145Kb / 3P
9.5 - 12 GHz Power Amplifier MMIC
EMP211 EXCELICS-EMP211 Datasheet
170Kb / 2P
9.5 - 12.0 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
logo
Qorvo, Inc
TGA2218-SM QORVO-TGA2218-SM Datasheet
748Kb / 15P
13.4??6.5 GHz 12 W GaN Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com