Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8641 Datasheet (PDF) - NXP Semiconductors

MPC8641 Datasheet PDF - NXP Semiconductors
Part # MPC8641
Download  MPC8641 Download
File Size   2309.65 Kbytes
Page   129 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications

MPC8641 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC8641 Datasheet PDF - NXP Semiconductors

Part # MPC8641
Download  MPC8641 Click to download

File Size   2309.65 Kbytes
Page   129 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications

MPC8641 Datasheet (HTML) - NXP Semiconductors


MPC8641 Product details

The MPC8641 processor family integrates either one or two
Power Architecture® e600 processor cores with system
logic required for networking, storage, wireless
infrastructure, and general-purpose embedded applications.
The MPC8641 integrates one e600 core while the
MPC8641D integrates two cores.
This section provides a high-level overview of the MPC8641
and MPC8641D features. When referring to the MPC8641
throughout the document, the functionality described applies
to both the MPC8641 and the MPC8641D. Any differences
specific to the MPC8641D are noted.
Figure 1 shows the major functional units within the
MPC8641 and MPC8641D. The major difference between
the MPC8641 and MPC8641D is that there are two cores on the MPC8641D.

Features
The following lists an overview of the MPC8641 key feature set:
• Major features of the e600 core are as follows:
— High-performance, 32-bit superscalar microprocessor that implements the PowerPC ISA
— Eleven independent execution units and three register files
– Branch processing unit (BPU)
– Four integer units (IUs) that share 32 GPRs for integer operands
– 64-bit floating-point unit (FPU)
– Four vector units and a 32-entry vector register file (VRs)
– Three-stage load/store unit (LSU)
— Three issue queues, FIQ, VIQ, and GIQ, can accept as many as one, two, and three instructions,
respectively, in a cycle.
— Rename buffers
— Dispatch unit
— Completion unit
— Two separate 32-Kbyte instruction and data level 1 (L1) caches
— Integrated 1-Mbyte, eight-way set-associative unified instruction and data level 2 (L2) cache
with ECC
— 36-bit real addressing
— Separate memory management units (MMUs) for instructions and data
— Multiprocessing support features
— Power and thermal management
— Performance monitor
— In-system testability and debugging features
— Reliability and serviceability
• MPX coherency module (MCM)
— Ten local address windows plus two default windows
— Optional low memory offset mode for core 1 to allow for address disambiguation
• Address translation and mapping units (ATMUs)
— Eight local access windows define mapping within local 36-bit address space
— Inbound and outbound ATMUs map to larger external address spaces
— Three inbound windows plus a configuration window on PCI Express
— Four inbound windows plus a default window on serial RapidIO
— Four outbound windows plus default translation for PCI Express
— Eight outbound windows plus default translation for serial RapidIO with segmentation and
sub-segmentation support
• DDR memory controllers
— Dual 64-bit memory controllers (72-bit with ECC)
— Support of up to a 300-MHz clock rate and a 600-MHz DDR2 SDRAM
— Support for DDR, DDR2 SDRAM
— Up to 16 Gbytes per memory controller
— Cache line and page interleaving between memory controllers.
• Serial RapidIO interface unit
— Supports RapidIO Interconnect Specification, Revision 1.2
— Both 1x and 4x LP-Serial link interfaces
— Transmission rates of 1.25-, 2.5-, and 3.125-Gbaud (data rates of 1.0-, 2.0-, and 2.5-Gbps) per
lane
— RapidIO–compliant message unit
— RapidIO atomic transactions to the memory controller
• PCI Express interface
— PCI Express 1.0a compatible
— Supports x1, x2, x4, and x8 link widths
— 2.5 Gbaud, 2.0 Gbps lane
• Four enhanced three-speed Ethernet controllers (eTSECs)
— Three-speed support (10/100/1000 Mbps)
— Four IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.3ac, 802.3ab-compatible controllers
— Support of the following physical interfaces: MII, RMII, GMII, RGMII, TBI, and RTBI
— Support a full-duplex FIFO mode for high-efficiency ASIC connectivity
— TCP/IP off-load
— Header parsing
— Quality of service support
— VLAN insertion and deletion
— MAC address recognition
— Buffer descriptors are backward compatible with PowerQUICC II and PowerQUICC III
programming models
— RMON statistics support
— MII management interface for control and status
• Programmable interrupt controller (PIC)
— Programming model is compliant with the OpenPIC architecture
— Supports 16 programmable interrupt and processor task priority levels
— Supports 12 discrete external interrupts and 48 internal interrupts
— Eight global high resolution timers/counters that can generate interrupts
— Allows processors to interrupt each other with 32b messages
— Support for PCI-Express message-shared interrupts (MSIs)
• Local bus controller (LBC)
— Multiplexed 32-bit address and data operating at up to 133 MHz
— Eight chip selects support eight external slaves
• Integrated DMA controller
— Four-channel controller
— All channels accessible by both the local and the remote masters
— Supports transfers to or from any local memory or I/O port
— Ability to start and flow control each DMA channel from external 3-pin interface
• Device performance monitor
— Supports eight 32-bit counters that count the occurrence of selected events
— Ability to count up to 512 counter-specific events
— Supports 64 reference events that can be counted on any of the 8 counters
— Supports duration and quantity threshold counting
— Burstiness feature that permits counting of burst events with a programmable time between
bursts
— Triggering and chaining capability
— Ability to generate an interrupt on overflow
• Dual I2C controllers
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
• Boot sequencer
— Optionally loads configuration data from serial ROM at reset via the I2C interface
— Can be used to initialize configuration registers and/or memory
— Supports extended I2C addressing mode
— Data integrity checked with preamble signature and CRC
• DUART
— Two 4-wire interfaces (SIN, SOUT, RTS, CTS)
— Programming model compatible with the original 16450 UART and the PC16550D
• IEEE 1149.1-compatible, JTAG boundary scan
• Available as 1023 pin Hi-CTE flip chip ceramic ball grid array (FC-CBGA)




Similar Part No. - MPC8641

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8641 FREESCALE-MPC8641 Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
MPC8641 FREESCALE-MPC8641 Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MPC8641D FREESCALE-MPC8641D Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
MPC8641D FREESCALE-MPC8641D Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
More results


Similar Description - MPC8641

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
Integrated Host Processor Hardware Specifications
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com