Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP5702H Datasheet (PDF) - Toshiba Semiconductor

TLP5702H Datasheet PDF - Toshiba Semiconductor
Part # TLP5702H
Download  TLP5702H Download
File Size   978.86 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5702H Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP5702H Datasheet PDF - Toshiba Semiconductor

Part # TLP5702H
Download  TLP5702H Click to download

File Size   978.86 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5702H Datasheet (HTML) - Toshiba Semiconductor


TLP5702H Product details

Applications
• Photovoltaic (PV) Power Conditioning Systems
• Industrial Inverters
• Induction Cooktop and Home Appliances
• Air Conditioner Inverters
• MOSFET Gate Drivers
• IGBT Gate Drivers

General
The TLP5702H is a photocoupler in a 6-pin SO6L package that consists of an infrared LED optically coupled to
an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed performance and specifications
at temperature up to 125 .
The TLP5702H is physically smaller / thinner than the one in an 8-pin DIP package and compliant with
international safety standards for reinforced insulation. It thus provides a smaller footprint solution for
applications that require safety standard certification. An internal noise shield provides a guaranteed commonmode
transient immunity of ±50 kV/μs.
The TLP5702H is ideal for small to medium class IGBT and power MOSFET gate drive.

Features
(1) Buffer logic type (totem pole output)
(2) Output peak current: ±2.5 A (max)
(3) Operating temperature: -40 to 125
(4) Supply current: 3.0 mA (max)
(5) Supply voltage: 15 to 30 V
(6) Threshold input current: 5 mA (max)
(7) Propagation delay time: tpHL/tpLH = 200 ns (max)
(8) Common-mode transient immunity: ±50 kV/μs (min)
(9) Isolation voltage: 5000 Vrms (min)
(10) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory




Similar Part No. - TLP5702H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP5702 TOSHIBA-TLP5702 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-10 Rev.5.0
More results


Similar Description - TLP5702H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5771H TOSHIBA-TLP5771H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com