Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLX9310 Datasheet (PDF) - Toshiba Semiconductor

TLX9310 Datasheet PDF - Toshiba Semiconductor
Part # TLX9310
Download  TLX9310 Download
File Size   238.63 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLX9310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLX9310 Datasheet PDF - Toshiba Semiconductor

Part # TLX9310
Download  TLX9310 Click to download

File Size   238.63 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLX9310 Datasheet (HTML) - Toshiba Semiconductor


TLX9310 Product details

Applications
• Automotive
• Battery Management System (BMS)

General
The Toshiba TLX9310 consists of a high-output an infrared LED coupled with a high-speed photo-diode-transistor
chip. It is housed in the SO6 package. This photocoupler guarantees operation at up to 105  and on supplies
from 2.7 V to 5.5 V. Since TLX9310 has guaranteed 0.3 mA low supply current (IDDL/IDDH), and 1.0 mA (Topr =
105 ) low threshold input current(IFHL), it contributes to energy saving of devices. It can drive directly from a
microcomputer for a low input current.

Features
(1) Buffer logic type (totem pole output)
(2) Package: SO6
(3) Operating temperature: -40 to 105 
(4) Supply voltage: 2.7 to 5.5 V
(5) Threshold input current: 1.0 mA (max)
(6) Supply current: 0.3 mA (max)
(7) Data transfer rate: 5 Mbps (typ.)
(8) Common-mode transient immunity: ±25 kV/μs (min)
(9) Isolation voltage: 3750 Vrms (min)
(10) AEC-Q101 qualified




Similar Part No. - TLX9310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLX9300 TOSHIBA-TLX9300 Datasheet
676Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9304 TOSHIBA-TLX9304 Datasheet
602Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9309 TOSHIBA-TLX9309 Datasheet
786Kb / 9P
TOSHIBA Photocoupler LED Photo−IC
2021-11-01
TLX9376 TOSHIBA-TLX9376 Datasheet
992Kb / 10P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9378 TOSHIBA-TLX9378 Datasheet
633Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
More results


Similar Description - TLX9310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5771H TOSHIBA-TLP5771H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com