Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLX9304 Datasheet (PDF) - Toshiba Semiconductor

TLX9304 Datasheet PDF - Toshiba Semiconductor
Part # TLX9304
Download  TLX9304 Download
File Size   602.27 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC

TLX9304 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLX9304 Datasheet PDF - Toshiba Semiconductor

Part # TLX9304
Download  TLX9304 Click to download

File Size   602.27 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC

TLX9304 Datasheet (HTML) - Toshiba Semiconductor


TLX9304 Product details

〇 Inverter control applications in Automotive Equipment
〇 Interface of IPM (Intelligent Power Module)
〇 HEV (Hybrid Electric Vehicle)
and EV (Electric Vehicle) Applications

The Toshiba TLX9304 consists of an infrared LED and integrated high gain,
high-speed photodetector. The TLX9304 is housed in the SO6 package. The
output stage is an open collector type.
The photodetector has an internal Faraday shield that provides a commonmode
transient immunity of 15 kV/μs. TLX9304 realizes minimum and
maximum of propagation delay time, switching speed dispersion, and high
common mode transient immunity. Therefore TLX9304 is suitable for isolation
interface between IPM (Intelligent Power Module) in motor control application.

Isolation voltage : 3750 Vrms (min)
Common mode transient immunity : 15 kV/μs (min)
@VCM = 1500 V
Propagation delay time (tpHL/tpLH): tpHL = 400 ns (max)
tpLH = 550 ns (max)
Switching Time Dispersion(|tpLH-tpHL|): 400 ns (max)
It becomes TTL compatible by connecting the resistance.
AEC-Q101 qualified




Similar Part No. - TLX9304

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLX9300 TOSHIBA-TLX9300 Datasheet
676Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9309 TOSHIBA-TLX9309 Datasheet
786Kb / 9P
TOSHIBA Photocoupler LED Photo−IC
2021-11-01
More results


Similar Description - TLX9304

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLX9000 TOSHIBA-TLX9000 Datasheet
850Kb / 8P
TOSHIBA Photocoupler IRLED & Photo−Transistor
2019-06-28
TLX9185A TOSHIBA-TLX9185A Datasheet
619Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9188 TOSHIBA-TLX9188 Datasheet
604Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2021-09-13
TLX9291A TOSHIBA-TLX9291A Datasheet
886Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9300 TOSHIBA-TLX9300 Datasheet
676Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9309 TOSHIBA-TLX9309 Datasheet
786Kb / 9P
TOSHIBA Photocoupler LED Photo−IC
2021-11-01
TLX9376 TOSHIBA-TLX9376 Datasheet
992Kb / 10P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9378 TOSHIBA-TLX9378 Datasheet
633Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com