Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLX9376 Datasheet (PDF) - Toshiba Semiconductor

TLX9376 Datasheet PDF - Toshiba Semiconductor
Part # TLX9376
Download  TLX9376 Download
File Size   992.6 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC

TLX9376 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLX9376 Datasheet PDF - Toshiba Semiconductor

Part # TLX9376
Download  TLX9376 Click to download

File Size   992.6 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC

TLX9376 Datasheet (HTML) - Toshiba Semiconductor


TLX9376 Product details

〇 HEV (Hybrid Electric Vehicle)
and EV (Electric Vehicle) Applications

The Toshiba TLX9376 consists of an infrared LED and integrated high gain,
high-speed photodetector. The TLX9376 is housed in the SO6 package. It
has a totem-pole output that can both sink and source current. The
photodetector has an internal Faraday shield that provides a guaranteed
common-mode transient immunity of 15 kV/μs. TLX9376 guarantees
minimum and maximum of propagation delay time, switching speed
dispersion, and high common mode transient immunity.

Input current logic LOW output : 4.0 mA (max)
Switching Speed : tpHL = 35 ns (max)
: tpLH = 35 ns (max)
Common mode transient immunity : 15kV/μs (min)
Operating Temperature : -40 to 125°C
Isolation voltage : 3750 Vrms (min)
AEC-Q101 qualified




Similar Part No. - TLX9376

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLX9378 TOSHIBA-TLX9378 Datasheet
633Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
More results


Similar Description - TLX9376

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLX9000 TOSHIBA-TLX9000 Datasheet
850Kb / 8P
TOSHIBA Photocoupler IRLED & Photo−Transistor
2019-06-28
TLX9185A TOSHIBA-TLX9185A Datasheet
619Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9188 TOSHIBA-TLX9188 Datasheet
604Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2021-09-13
TLX9291A TOSHIBA-TLX9291A Datasheet
886Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9300 TOSHIBA-TLX9300 Datasheet
676Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9304 TOSHIBA-TLX9304 Datasheet
602Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9309 TOSHIBA-TLX9309 Datasheet
786Kb / 9P
TOSHIBA Photocoupler LED Photo−IC
2021-11-01
TLX9378 TOSHIBA-TLX9378 Datasheet
633Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com