Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLX9000 Datasheet (PDF) - Toshiba Semiconductor

TLX9000 Datasheet PDF - Toshiba Semiconductor
Part # TLX9000
Download  TLX9000 Download
File Size   850.28 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler IRLED & Photo−Transistor

TLX9000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLX9000 Datasheet PDF - Toshiba Semiconductor

Part # TLX9000
Download  TLX9000 Click to download

File Size   850.28 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler IRLED & Photo−Transistor

TLX9000 Datasheet (HTML) - Toshiba Semiconductor


TLX9000 Product details

〇 Various Controllers
〇 Signal transmission between different circuit potential
〇 HEV (Hybrid Electric Vehicle) and
EV (Electric Vehicle) Applications

The TOSHIBA TLX9000 mini-flat photocoupler is suitable for surface-mount
assembly. The TLX9000 consists of an infrared LED optically coupled to a
photo-transistor.
This photocoupler can be used to the extensive applications.
It is generic speed transistor output.

 Collector-emitter voltage: 40 V (min)
 Current transfer ratio: 100 % (min) to 900 %(max)
 Isolation voltage: 3750 Vrms (min)
 AEC-Q101 qualified




Similar Part No. - TLX9000

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLX9150M TOSHIBA-TLX9150M Datasheet
633Kb / 9P
TOSHIBA Photocoupler Photorelay
2024-09-01 Rev. 1.0
TLX9152M TOSHIBA-TLX9152M Datasheet
641Kb / 9P
TOSHIBAPhotocoupler Photorelay
2024-09-24 Rev. 2.0
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
TOSHIBA Photocoupler Photorelay
2021-04-01
TLX9161T TOSHIBA-TLX9161T Datasheet
323Kb / 8P
Photocouplers Photorelay
2025-05-21 Rev.1.0
TLX9165T TOSHIBA-TLX9165T Datasheet
333Kb / 8P
Photocouplers Photorelay
2025-05-19 Rev.2.0
More results


Similar Description - TLX9000

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLX9185A TOSHIBA-TLX9185A Datasheet
619Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9188 TOSHIBA-TLX9188 Datasheet
604Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2021-09-13
TLX9291A TOSHIBA-TLX9291A Datasheet
886Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9300 TOSHIBA-TLX9300 Datasheet
676Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9304 TOSHIBA-TLX9304 Datasheet
602Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9376 TOSHIBA-TLX9376 Datasheet
992Kb / 10P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9378 TOSHIBA-TLX9378 Datasheet
633Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com