Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLX9309 Datasheet (PDF) - Toshiba Semiconductor

TLX9309 Datasheet PDF - Toshiba Semiconductor
Part # TLX9309
Download  TLX9309 Download
File Size   786.43 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler LED Photo−IC

TLX9309 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLX9309 Datasheet PDF - Toshiba Semiconductor

Part # TLX9309
Download  TLX9309 Click to download

File Size   786.43 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler LED Photo−IC

TLX9309 Datasheet (HTML) - Toshiba Semiconductor


TLX9309 Product details

〇 Inverter Control Applications
〇 Interface for Intelligent Power Modules
〇 HEV (Hybrid Electric Vehicle) and
EV (Electric Vehicle) Applications

The TOSHIBA TLX9309 mini-flat photocoupler is suitable for surface-mount
assembly.
The TLX9309 consists of a high-output light emitting diode optically coupled
to a high-speed detector, which consists of a photodiode and a transistor
integrated on a single chip.
Faraday shield integrated on the photodetector chip provides an enhanced
common-mode transient immunity.
The TLX9309 guarantees minimum and maximum propagation
delay time, propagation delay difference between tpHL and tpLH, and high
common-mode transient immunity.
Therefore, the TLX9309 is suitable for isolation
interface between an IPM (intelligent power module) and a control IC
circuit in motor control applications.

Isolation voltage: 3750 Vrms (min)
Common mode transient immunity: ±10 kV/μs (min)
@VCM=1500V
Propagation delay time: tpHL, tpLH = 0.1 μs (min),
tpHL = 0.8 μs (max), tpLH = 1.0 μs (max)
@IF = 7 mA, VCC = 15 V, RL=20 kΩ, Ta=25°C
Propagation delay difference: 0.7 μs (max)
(|tpLH−tpHL|)
@IF = 7 mA, VCC = 15 V, RL=20 kΩ, Ta=25°C
TTL-compatible




Similar Part No. - TLX9309

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLX9300 TOSHIBA-TLX9300 Datasheet
676Kb / 8P
TOSHIBA Photocoupler IRLED & Photo-Transistor
2019-06-28
TLX9304 TOSHIBA-TLX9304 Datasheet
602Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
More results


Similar Description - TLX9309

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP550 TOSHIBA-TLP550 Datasheet
179Kb / 7P
TOSHIBA Photocoupler Infrared LED Photo IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
05-Sep-2003
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
21-Oct-2003
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLX9304 TOSHIBA-TLX9304 Datasheet
602Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9376 TOSHIBA-TLX9376 Datasheet
992Kb / 10P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9378 TOSHIBA-TLX9378 Datasheet
633Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com