Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16836A Datasheet (PDF) - NXP Semiconductors

74ALVC16836A Datasheet PDF - NXP Semiconductors
Part # 74ALVC16836A
Download  74ALVC16836A Download
File Size   122.2 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20-bit registered driver with inverted register enable 3-State

74ALVC16836A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16836A Datasheet PDF - NXP Semiconductors

Part # 74ALVC16836A
Download  74ALVC16836A Click to download

File Size   122.2 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20-bit registered driver with inverted register enable 3-State

74ALVC16836A Datasheet (HTML) - NXP Semiconductors


74ALVC16836A Product details

DESCRIPTION
The 74ALVC16836A is a 20-bit universal bus driver.
   
FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• Complies with JEDEC standard no. 8-1A.
• CMOS low power consumption
• Direct interface with TTL levels
• Current drive ± 24 mA at 3.0 V
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise
    and ground bounce
• Output drive capability 50 Ω transmission lines @ 85°C
• Input diodes to accommodate strong drivers
   




Similar Part No. - 74ALVC16836A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
74ALVC16836ADGG NEXPERIA-74ALVC16836ADGG Datasheet
224Kb / 14P
20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
More results


Similar Description - 74ALVC16836A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
18-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com