Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16836A Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC16836A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC16836A
Download  74AVC16836A Download
File Size   235.9 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state

74AVC16836A Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16836A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC16836A
Download  74AVC16836A Click to download

File Size   235.9 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state

74AVC16836A Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC16836A Product details

1. General description
The 74AVC16836A is a 20-bit universal bus driver. Data flow is controlled by output enable (OE),
latch enable (LE) and clock inputs (CP).
This product is designed to have an extremely fast propagation delay and a minimum amount of
power consumption.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC
through a pullup resistor (Live Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to support termination line drive
during transient. See Fig. 5 for typical curves.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Complies with JEDEC standards:
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-1A (2.7 V to 3.6 V)
• CMOS low power consumption
• Input/output tolerant up to 3.6 V
• Dynamic Controlled Output (DCO) circuit dynamically changes output impedance, resulting in
noise reduction without speed degradation
• Low inductance multiple VCC and GND pins to minimize noise and ground bounce
• Power off disables 74AVC16836A outputs, permitting Live Insertion
• Integrated input diodes to minimize input overshoot and undershoot




Similar Part No. - 74AVC16836A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16836A PHILIPS-74AVC16836A Datasheet
122Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
74AVC16836A PHILIPS-74AVC16836A Datasheet
127Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
74AVC16836ADGG PHILIPS-74AVC16836ADGG Datasheet
122Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
74AVC16836ADGV PHILIPS-74AVC16836ADGV Datasheet
122Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
More results


Similar Description - 74AVC16836A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
20-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
74AVC16836A PHILIPS-74AVC16836A Datasheet
122Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
74AVC16334A PHILIPS-74AVC16334A Datasheet
108Kb / 10P
16-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2000 Aug 03
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
logo
Nexperia B.V. All right...
74AVC16334A NEXPERIA-74AVC16334A Datasheet
227Kb / 14P
16-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 3 - 12 September 2018
74AVC16834A NEXPERIA-74AVC16834A Datasheet
234Kb / 14P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com