Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLX9175J Datasheet (PDF) - Toshiba Semiconductor

TLX9175J Datasheet PDF - Toshiba Semiconductor
Part # TLX9175J
Download  TLX9175J Download
File Size   475.51 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLX9175J Datasheet (PDF)

Go To PDF Page Download Datasheet
TLX9175J Datasheet PDF - Toshiba Semiconductor

Part # TLX9175J
Download  TLX9175J Click to download

File Size   475.51 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLX9175J Datasheet (HTML) - Toshiba Semiconductor


TLX9175J Product details

Battery Control in Automotive Equipment
Fuel Battery Control in Automotive Equipment
Application for Electrical Vehicle

The Toshiba TLX9175J consists of an infrared LED optically coupled to a
photo-MOSFET in a SO6 package.
This coupler use high voltage MOSFET between output terminals.
It adequate for the applications of Battery Control Systems.

• Normally open (1-Form-A) device
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 15 mA (max)
• On-state resistance: 335 Ω (max)(@ t < 1 s)
• Isolation voltage: 3750 Vrms (min)
• AEC-Q101 qualified




Similar Part No. - TLX9175J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLX9176J TOSHIBA-TLX9176J Datasheet
655Kb / 9P
TOSHIBA Photocoupler Photorelay
2025-03-07 Rev. 1.0
More results


Similar Description - TLX9175J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
TOSHIBA Photocoupler Photorelay
2021-04-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com