Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16543 Datasheet (PDF) - NXP Semiconductors

74ALVCH16543 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16543
Download  74ALVCH16543 Download
File Size   89.86 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit D-type registered transceiver; 3-state

74ALVCH16543 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16543 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16543
Download  74ALVCH16543 Click to download

File Size   89.86 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit D-type registered transceiver; 3-state

74ALVCH16543 Datasheet (HTML) - NXP Semiconductors


74ALVCH16543 Product details

DESCRIPTION
The 74ALVCH16543 is a dual octal registered transceiver.
   
FEATURES
• In accordance with JEDEC standard no 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• MULTIBYTE flow-through pin-out architecture
• 16-bit transceiver with D-type latch
• Combines 16245 and 16373 type functions in one chip
• Back-to-back registers for storage
• Output drive capability 50 Ω transmission lines at 85 °C
• Separate controls for data flow in each direction
• All data inputs have bus hold
• 3-state non-inverting outputs for bus oriented
    applications
• Current drive ±24 mA at 3.0 V.
   




Similar Part No. - 74ALVCH16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DGGRG4 TI1-74ALVCH16543DGGRG4 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DLG4 TI1-74ALVCH16543DLG4 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
16-Bit Registered Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
74ALVCH16543 PHILIPS-74ALVCH16543_15 Datasheet
103Kb / 20P
16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com