Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16843 Datasheet (PDF) - NXP Semiconductors

74ALVCH16843 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16843
Download  74ALVCH16843 Download
File Size   84.39 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit bus-interface D-type latch 3-State

74ALVCH16843 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16843 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16843
Download  74ALVCH16843 Click to download

File Size   84.39 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit bus-interface D-type latch 3-State

74ALVCH16843 Datasheet (HTML) - NXP Semiconductors


74ALVCH16843 Product details

DESCRIPTION
The 74ALVCH16843 has two 9–bit D-type latch featuring separate D-type inputs for each latch and 3-State outputs for bus oriented applications.
   
FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• Complies with JEDEC standard no. 8-1A.
• CMOS low power consumption
• Direct interface with TTL levels
• Current drive ± 24 mA at 3.0 V
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise
    and ground bounce
• All data inputs have bus hold
• Output drive capability 50Ω transmission lines @ 85°C
   




Similar Part No. - 74ALVCH16843

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
74ALVCH16843DGG NEXPERIA-74ALVCH16843DGG Datasheet
204Kb / 16P
18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
18-bit bus-interface D-type latch (3-State)
1998 Aug 04
More results


Similar Description - 74ALVCH16843

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC843A TI-SN74LVC843A Datasheet
150Kb / 10P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Texas Instruments
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com