Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16841 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVCH16841 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVCH16841
Download  74ALVCH16841 Download
File Size   215.77 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit bus interface D-type latch; 3-state

74ALVCH16841 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16841 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVCH16841
Download  74ALVCH16841 Click to download

File Size   215.77 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit bus interface D-type latch; 3-state

74ALVCH16841 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVCH16841 Product details

1. General description
The 74ALVCH16841 has two 10-bit D-type latch featuring separate D-type inputs for each latch
and 3-state outputs for bus oriented applications. The two sections of each register are controlled
independently by the latch enable (nLE) and output enable (nOE) control gates.
When nOE is LOW, the data in the registers appears at the outputs. When nOE is HIGH the
outputs are in High-impedance OFF state. Operation of the nOE input does not affect the state of
the flip-flops.
The 74ALVCH16841 has active bus hold circuitry which is provided to hold unused or floating
data inputs at a valid logic level. This feature eliminates the need for external pull-up or pull-down
resistors.
2. Features and benefits
• Wide supply voltage range of 1.2 V to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Current drive ±24 mA at VCC = 3.0 V
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimize noise and ground bounce
• All data inputs have bushold
• Output drive capability 50 Ω transmission lines at 85 °C
• 3-state non-inverting outputs for bus oriented applications
• Complies with JEDEC standards:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
• CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVCH16841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16841DGG PHILIPS-74ALVCH16841DGG Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Texas Instruments
74ALVCH16841DGGRE4 TI1-74ALVCH16841DGGRE4 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16841DGGRG4 TI1-74ALVCH16841DGGRG4 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16841DGGRG4.B TI2-74ALVCH16841DGGRG4.B Datasheet
589Kb / 19P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 2004
More results


Similar Description - 74ALVCH16841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
20-bit bus interface latch 3-State
1998 Feb 27
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
18-bit bus-interface D-type latch 3-State
1998 Aug 04
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI-SN74ALVCH162841 Datasheet
137Kb / 10P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI-SN74ALVCH16841 Datasheet
132Kb / 10P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Texas Instruments
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI1-SN74ALVCH162841_09 Datasheet
347Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com