Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE3485CT Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

RE3485CT Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # RE3485CT
Download  RE3485CT Download
File Size   1826.39 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 485 Isolated transceiver module

RE3485CT Datasheet (PDF)

Go To PDF Page Download Datasheet
RE3485CT Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # RE3485CT
Download  RE3485CT Click to download

File Size   1826.39 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 485 Isolated transceiver module

RE3485CT Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


RE3485CT Product details

Product Features: Xi
* Driving voltage: 3.3V 3.
* Isolation voltage: 3000 VDC Xi
* One RE3485CT Transmission rate: 9600bps(MAX)
* One RE3485CHT Transmission rate: 115200bps(MAX)
* Bus overvoltage protection Xi
* A quiescent current <4OmA(Typ) Xi
* No peripheral circuit is required, simplifying the design
* ESD protection (Contact: +4KV: Air:+8KV 》 Xi
* Working temperature: -40IC 1 +85C 】
* One input reverse polarity protection xi




Similar Part No. - RE3485CT

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
RE3485CTR3 REICU-RE3485CTR3 Datasheet
6Mb / 1P
485 Isolated transceiver module
REV:19.2
More results


Similar Description - RE3485CT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
logo
Texas Instruments
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
Isolated RS-485 Profibus Transceiver
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
Isolated Profibus RS-485 Transceiver
logo
Renesas Technology Corp
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
Isolated 40Mbps RS-485 PROFIBUS Transceiver
logo
Guangzhou Reicu Electro...
RE3485ECT REICU-RE3485ECT Datasheet
514Kb / 1P
485 Isolated transceiver module
REV:16.2
RE385CTR3 REICU-RE385CTR3 Datasheet
6Mb / 1P
485 Isolated transceiver module
REV:19.2
RS3485C REICU-RS3485C Datasheet
3Mb / 1P
Isolated transceiver module
REV:18.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com