Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS3485C Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

RS3485C Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # RS3485C
Download  RS3485C Download
File Size   3336.57 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Isolated transceiver module

RS3485C Datasheet (PDF)

Go To PDF Page Download Datasheet
RS3485C Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # RS3485C
Download  RS3485C Click to download

File Size   3336.57 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Isolated transceiver module

RS3485C Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


RS3485C Product details

Product Features :
1. Driving voltage: 3.3V/5.0V
1. Isolation voltage: 3000VDC
1. Transmission rate: 19200bps(MAX)
One bus overvoltage protection
A quiescent current <35mA(Typ)
1. No peripheral circuit is required, simplifying the design
- ESD protection (CContact: +8KV; Air: +15KV)
- Working temperature range: -40C - 85C
1 Meet the TIA/EIA-485 standard




Similar Part No. - RS3485C

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
RS3485PCHT-H REICU-RS3485PCHT-H Datasheet
3Mb / 1P
Isolated two-way communication
REV:18.2
RS3485PCHTIH REICU-RS3485PCHTIH Datasheet
3Mb / 1P
Isolated two-way communication
REV:18.2
RS3485PCT REICU-RS3485PCT Datasheet
533Kb / 1P
485隔 离 型 收 发 模 块
REV:16.2
More results


Similar Description - RS3485C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882 LINER-LTM2882 Datasheet
280Kb / 16P
Dual Isolated RS232 關Module Transceiver Power
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
logo
Linear Technology
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTM2882 LINER-LTM2882_15 Datasheet
390Kb / 22P
Dual Isolated RS232 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
logo
Guangzhou Reicu Electro...
RE3485CT REICU-RE3485CT Datasheet
1Mb / 1P
485 Isolated transceiver module
REV:15.4
RE3485ECT REICU-RE3485ECT Datasheet
514Kb / 1P
485 Isolated transceiver module
REV:16.2
RE385CTR3 REICU-RE385CTR3 Datasheet
6Mb / 1P
485 Isolated transceiver module
REV:19.2
RE3485PHT REICU-RE3485PHT Datasheet
6Mb / 1P
485Isolated automatic transceiver module - with isolated output
REV:15.3
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
RS232 Isolated transceiver module
REV:15.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com