Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80C52 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS80C52 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS80C52
Download  IS80C52 Download
File Size   382.0 Kbytes
Page   48 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER

IS80C52 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS80C52 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS80C52
Download  IS80C52 Click to download

File Size   382.0 Kbytes
Page   48 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER

IS80C52 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS80C52 Product details

GENERAL DESCRIPTION
The ISSI IS80C52 and IS80C32 are high-performance microcontrollers fabricated using high-density CMOS technology. The CMOS IS80C52/32 is functionally compatible with the industry standard 8052/32 microcontrollers.

FEATURES
• 80C51 based architecture
• 8K x 8 ROM (IS80C52 only)
• 256 x 8 RAM
• Three 16-bit Timer/Counters
• Full duplex serial channel
• Boolean processor
• Four 8-bit I/O ports, 32 I/O lines
• Memory addressing capability
    – 64K ROM and 64K RAM
• Program memory lock
    – Encrypted verify (32 bytes)
    – Lock bits (2)
• Power save modes:
    – Idle and power-down
• Eight interrupt sources
• Most instructions execute in 0.3 µs
• CMOS and TTL compatible
• Maximum speed: 40 MHz @ Vcc = 5V
• Industrial temperature available
• Packages available:
    – 40-pin DIP
    – 44-pin PLCC
    – 44-pin PQFP




Similar Part No. - IS80C52

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80C51 ISSI-IS80C51 Datasheet
337Kb / 43P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C51-12PL ISSI-IS80C51-12PL Datasheet
337Kb / 43P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C51-12PLI ISSI-IS80C51-12PLI Datasheet
337Kb / 43P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C51-12PQ ISSI-IS80C51-12PQ Datasheet
337Kb / 43P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C51-12PQI ISSI-IS80C51-12PQI Datasheet
337Kb / 43P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results


Similar Description - IS80C52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Silicon Solu...
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com