Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8723 Datasheet (PDF) - Maxim Integrated Products

MAX8723 Datasheet PDF - Maxim Integrated Products
Part # MAX8723
Download  MAX8723 Download
File Size   41.81 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays

MAX8723 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8723 Datasheet PDF - Maxim Integrated Products

Part # MAX8723
Download  MAX8723 Click to download

File Size   41.81 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays

MAX8723 Datasheet (HTML) - Maxim Integrated Products


MAX8723 Product details

General Description
The MAX8723 is a high-efficiency, switch-mode, stepdown regulator with a 14V internal power switch. With only a few external passive components, this low-cost regulator can generate a fixed 3.3V or adjustable DC output voltage of 2.0V to 3.6V (dual mode) from a 6V to 13.2V DC source. The 13.2V input voltage range makes this part ideal for LCD displays, point-of-load regulators, and other 8/12V powered industrial equipment applications.

Features
♦ 6V to 13.2V Input Supply Range
♦ Integrated 14V 2A N-Channel MOSFET Switch
♦ Preset 1.5% Accurate 3.3V fixed Output Voltage or 2.0V to 3.6V Adjustable Output (Dual Mode)
♦ Current-Mode PWM Operation
♦ Frequency-Selectable 500kHz/1MHz/1.5MHz
♦ Internal 5V Linear Regulator Supports Up to 25mA External Load
♦ 2V Precision Reference (1%)
♦ Integrated Bootstrap Diode for High-Side MOSFET Drive
♦ External Synchronous Rectifier Driver
♦ Built-In Soft-Start
♦ 200µA Standby Mode
♦ Timer-Delayed Output Fault Protection
♦ Thermal Shutdown Protection
♦ Small 16-Pin 4mm x 4mm Thin QFN Package

Applications
    LCD TVs
    LCD Monitors
    Digital System Power Supplies
    Point-of-Load Regulators
    8/12V Industrial Equipment




Similar Part No. - MAX8723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX872 MAXIM-MAX872 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX872-MAX874 MAXIM-MAX872-MAX874 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720EEI MAXIM-MAX8720EEI Datasheet
987Kb / 31P
Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720ETX MAXIM-MAX8720ETX Datasheet
987Kb / 31P
Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
More results


Similar Description - MAX8723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1536 MAXIM-MAX1536 Datasheet
369Kb / 19P
3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
Rev 1; 8/05
logo
STMicroelectronics
L6725 STMICROELECTRONICS-L6725 Datasheet
533Kb / 27P
Low cost adjustable step-down controller
26-Jun-2006
logo
Maxim Integrated Produc...
MAX8566 MAXIM-MAX8566 Datasheet
285Kb / 21P
High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
MAX1515 MAXIM-MAX1515 Datasheet
489Kb / 24P
Low-Voltage, Internal Switch, Step-Down/DDR Regulator
Rev 1; 3/06
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
MAX15041 MAXIM-MAX15041_11 Datasheet
1Mb / 18P
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
Rev 3; 3/11
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com