Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1515 Datasheet (PDF) - Maxim Integrated Products

MAX1515 Datasheet PDF - Maxim Integrated Products
Part # MAX1515
Download  MAX1515 Download
File Size   489.5 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Internal Switch, Step-Down/DDR Regulator

MAX1515 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1515 Datasheet PDF - Maxim Integrated Products

Part # MAX1515
Download  MAX1515 Click to download

File Size   489.5 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Internal Switch, Step-Down/DDR Regulator

MAX1515 Datasheet (HTML) - Maxim Integrated Products


MAX1515 Product details

General Description
The MAX1515 constant-off-time, pulse-width-modulated (PWM) source/sink step-down DC-DC converter is optimized for use in low-voltage active-termination power rails or chipset power supplies in notebook and sub-notebook computers. This device features dual internal n-channel MOSFET power switches for high efficiency and reduced component count. External Schottky diodes are not required. An integrated boost switch eliminates the need for an external boost diode. The internal 40mΩ NMOS power switches easily source and sink continuous load currents up to 3A. The MAX1515 produces an adjustable output from +0.5V to +2.7V and achieves efficiencies as high as 95%.

Features
♦ Dual 40mΩ Internal n-Channel MOSFETs
♦ Integrated Boost Switch
♦ +1.3V to +3.6V Input Voltage Range
♦ 1% VOUT Accuracy Over Line and Load
♦ 1MHz Maximum Switching Frequency
♦ DDR Termination Regulator (DDR Mode)
   Tracking Output Voltage
   Source/Sink Pulse Skipping
   ±5mA Reference Buffer
♦ Output Voltage (Non-DDR Mode)
   +2.5V, +1.8V, or +1.5V Pin Selectable
   +0.5V to +2.7V Adjustable
♦ 1.1V ±0.75% Reference Output
♦ Adjustable Soft-Start Inrush Current Limiting
♦ < 1µA (typ) Shutdown Supply Current
♦ < 800µA (max) Operating Supply Current
♦ Selectable Pulse-Skipping Operation at Light Loads
♦ Positive and Negative Current Limit
♦ Power-Good Window Comparator
♦ Output Short-Circuit Protection

Applications
   Notebook DDR Memory Termination
   Active-Termination Buses
   Chipset/Graphics Processor Supplies




Similar Part No. - MAX1515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15157B MAXIM-MAX15157B Datasheet
1Mb / 16P
8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15157BEVKIT MAXIM-MAX15157BEVKIT Datasheet
1Mb / 16P
8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15157BEVKIT# MAXIM-MAX15157BEVKIT# Datasheet
1Mb / 16P
8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
High-Voltage Multiphase Boost Controller
Rev 2; 11/19
MAX15158A MAXIM-MAX15158A Datasheet
857Kb / 28P
High-Voltage Multiphase Boost Controller
Rev 2; 11/19
More results


Similar Description - MAX1515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1536 MAXIM-MAX1536 Datasheet
369Kb / 19P
3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
Rev 1; 8/05
MAX8723 MAXIM-MAX8723 Datasheet
41Kb / 1P
Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
Rev 0; 3/06
MAX8566 MAXIM-MAX8566 Datasheet
285Kb / 21P
High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com