Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1004H Datasheet (PDF) - Nais(Matsushita Electric Works)

APE1004H Datasheet PDF - Nais(Matsushita Electric Works)
Part # APE1004H
Download  APE1004H Download
File Size   88.37 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description THE SLIM POWER RELAY

APE1004H Datasheet (PDF)

Go To PDF Page Download Datasheet
APE1004H Datasheet PDF - Nais(Matsushita Electric Works)

Part # APE1004H
Download  APE1004H Click to download

File Size   88.37 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description THE SLIM POWER RELAY

APE1004H Datasheet (HTML) - Nais(Matsushita Electric Works)


APE1004H Product details

FEATURES
• Slim size
   28 mm (L)×5 mm (W)×15 mm (H)
   1.102 inch (L)×.197 inch (W)×.591 inch  (H)
   permits high density mounting
• Wide switching capacity: 100 mA/12 V DC-6A/250 V AC
• High sensitivity: 170mW
• High breakdown (4,000 V) and surge  (6,000 V) voltage between contacts  and coil
• Clearance/creepage distance: 8/8 mm
• 1 Form A/1 Form C contact.




Similar Part No. - APE1004H

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE1004 APLUS-APE1004 Datasheet
293Kb / 6P
very low cost voice and melody synthesizer with 4-bits CPU
More results


Similar Description - APE1004H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
THE SLIM POWER RELAY
LKS1AF-12 NAIS-LKS1AF-12 Datasheet
46Kb / 3P
250 mW Slim Power Relay
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
fujitsu semiconductor
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
Slim PCB Miniature Power Relay.
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com