Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J1900 Datasheet (PDF) - Advantech Co., Ltd.

J1900 Datasheet PDF - Advantech Co., Ltd.
Part # J1900
Download  J1900 Download
File Size   628.41 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 6U CompactPCI Intel® Atom™ Processor Blade

J1900 Datasheet (PDF)

Go To PDF Page Download Datasheet
J1900 Datasheet PDF - Advantech Co., Ltd.

Part # J1900
Download  J1900 Click to download

File Size   628.41 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 6U CompactPCI Intel® Atom™ Processor Blade

J1900 Datasheet (HTML) - Advantech Co., Ltd.


J1900 Product details

Features
ƒƒ Supports Intel® Atom™ E38xx, Celeron N2930 and J1900 processors, up to
quad-core at 2 GHz
ƒƒ Up to 8GB of 1333MHz DDR3L memory
ƒƒ 2.5" SATA-II HDD/SSD mounting site
ƒƒ Comprehensive I/O capabilities: DVI, USB 3.0/USB 2.0, Gigabit Ethernet,
Serial Ports, SATA-II/CFast
ƒƒ 4HP single slot high with dual GbE interfaces or 8HP dual slot high with quad
GbE interfaces
ƒƒ PICMG 2.1 R2.0, PICMG 2.6 R1.0 compliant




Similar Part No. - J1900

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
J1900 INTEL-J1900 Datasheet
538Kb / 14P
Intel짰 Celeron짰 Processor J1800, J1900, N2807, and N2930 for Internet of Things
More results


Similar Description - J1900

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3392L ADVANTECH-MIC-3392L Datasheet
262Kb / 2P
6U CompactPCI Intel짰 Celeron짰 M Processor Blade
logo
List of Unclassifed Man...
CT-31 ETC2-CT-31 Datasheet
277Kb / 1P
Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
logo
Advantech Co., Ltd.
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3332 ADVANTECH-MIC-3332 Datasheet
1Mb / 3P
3U CompactPCI Intel® 6th Gen. Quad- Core™ Processor Blade
29-Nov-2022
MIC-3396 ADVANTECH-MIC-3396 Datasheet
384Kb / 2P
6U CompactPCI Intel® 4th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3396MIL ADVANTECH-MIC-3396MIL Datasheet
410Kb / 2P
6U CompactPCI Intel® 4th/5th Gen. Core™ i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3399 ADVANTECH-MIC-3399 Datasheet
657Kb / 2P
6U CompactPCI Intel® 6th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
7-Sep-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com