Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM50 Datasheet (PDF) - Hirose Electric

BM50 Datasheet PDF - Hirose Electric
Part # BM50
Download  BM50 Download
File Size   384.06 Kbytes
Page   11 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector

BM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
BM50 Datasheet PDF - Hirose Electric

Part # BM50
Download  BM50 Click to download

File Size   384.06 Kbytes
Page   11 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector

BM50 Datasheet (HTML) - Hirose Electric


BM50 Product details

Features
1. Space- saving Design with
15A Rated Current
The power contact supports 15A per position and
the signal contact supports 0. 3A per position for
high power supply capability.
Additionally, the BM50U has a space- saving
design that minimizes connector size.
2. High Contact Reliability
Multi- point contact design with 4- point power
contact and 2- point signal contact for stable connection.
3. Compact with High Extraction
Force
The original lock design ensures high extraction
force and prevents unmating due to impact.
4. Halogen- free
No chlorine or bromine exceeding the standard
values are used in this connector.
In accordance with IEC 61249- 2- 21
Br : 900ppm max. , Cl : 900ppm max. ,
Br+ Cl : 1500ppm max.




Similar Part No. - BM50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM50B-SRDS-G-TF ETC2-BM50B-SRDS-G-TF Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
More results


Similar Description - BM50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP21 JAE-WP21 Datasheet
438Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26 JAE-WP26 Datasheet
463Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com