Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC30E-Z Datasheet (PDF) - Recom International Power

REC30E-Z Datasheet PDF - Recom International Power
Part # REC30E-Z
Download  REC30E-Z Download
File Size   1153.49 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 30 Watt 1“ x 1“ Single & Dual Output

REC30E-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
REC30E-Z Datasheet PDF - Recom International Power

Part # REC30E-Z
Download  REC30E-Z Click to download

File Size   1153.49 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 30 Watt 1“ x 1“ Single & Dual Output

REC30E-Z Datasheet (HTML) - Recom International Power


REC30E-Z Product details

Description
The REC30E-Z series are high power density, wide input voltage range 30W DC/DC converters in an
industry standard 1”x1” case size. Despite their small size, the REC30E-Z converters are fully specified devices with output currents up to 7 amps, over 90% efficiency, no minimum load, 2000VDC/1min isolation, tight regulation, and low ripple/noise figures. The outputs are also fully protected against over-temperature, short circuits, overcurrent, and overvoltage, and the single output version offers a ±10% trim range. These converters will find industrial applications where board space is at a premium.

Features
• 30W in a 1”x1” case
• 4:1 wide input voltage range
• 2kVDC/1min isolation
• IEC/EN62638-1certified
• Efficiency over 90%
• OVP, OLP, OTP, UVLO
• +110°C max. case temperature




Similar Part No. - REC30E-Z

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
Continuous Short Circuit Protection
REC30-1205DRWB RECOM-REC30-1205DRWB Datasheet
106Kb / 4P
30 Watt 2 inch x 2 inch Single & Dual Output
REC30-1205SRWB RECOM-REC30-1205SRWB Datasheet
106Kb / 4P
30 Watt 2 inch x 2 inch Single & Dual Output
REC30-1212D RECOM-REC30-1212D Datasheet
380Kb / 7P
30 Watt Single and Dual Output
REC30-1212D RECOM-REC30-1212D Datasheet
384Kb / 6P
Continuous Short Circuit Protection
More results


Similar Description - REC30E-Z

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
10 Watt 1??x 2??Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
10 Watt 2??x 1??Package Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
15 Watt 2??x 1??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
20 Watt 2??x 1??Single & Dual Output
RPP30-2424SW RECOM-RPP30-2424SW Datasheet
127Kb / 6P
30 Watt 4:1 Single Dual Output
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
30 Watt 4:1 Input 2 x 1 Single and Dual Output
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
REC5K-AW RECOM-REC5K-AW Datasheet
542Kb / 5P
5 Watt 1” x 1” Single Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com