Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC30E-Z Datasheet(PDF) 4 Page - Recom International Power

Part # REC30E-Z
Description  30 Watt 1“ x 1“ Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30E-Z Datasheet(HTML) 4 Page - Recom International Power

  REC30E-Z Datasheet HTML 1Page - Recom International Power REC30E-Z Datasheet HTML 2Page - Recom International Power REC30E-Z Datasheet HTML 3Page - Recom International Power REC30E-Z Datasheet HTML 4Page - Recom International Power REC30E-Z Datasheet HTML 5Page - Recom International Power REC30E-Z Datasheet HTML 6Page - Recom International Power REC30E-Z Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.recom-power.com
REV.: 0/2023
ECO-4
DC/DC Converter
REC30E-Z
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
OUTPUT VOLTAGE TRIMMING
R
up=
k
u*R2
-R3 = k
Ω
R2 - k
u
k
u=
Vref
*R1 = k
Ω
(Vout +
DVout) -Vref
k
d=
(Vout +
DVout) -Vref
*R2 = k
Ω
Vref
k
u=
2.5V
*86k
Ω
=
8k995
Ω
(24V + 2.4V) -2.5V
R
up=
8.995k
Ω * 10kΩ
-73.2k
Ω = 16k4Ω
10k
Ω - 8.995kΩ
R
down=
76.4k
Ω * 86kΩ
-73.2k
Ω = 611k2Ω
86k
Ω - 76.4kΩ
k
d=
[24V +(-2.4V)] -2.5V
*10k
Ω
=
76k4
Ω
2.5V
R
down=
k
d*R1
-R3
= k
Ω
R1 - k
d
Vout
nom
R
1[Ω]
R
2 [Ω]
R
3 [Ω]
V
ref [VDC]
3.3VDC
16k6
10k
52k3
1.25
5VDC
10k
35k7
2.5
12VDC
38k
48k7
15VDC
50k1
64k9
24VDC
86k
73k2
Vout
nom
= nominal output voltage
[VDC]
Vout
set
= trimmed output voltage
[VDC]
DVout
= output voltage change
[%]
V
ref
= reference voltage
[VDC]
R
up
= external trim up resistor
[
Ω]
R
down
= external trim down resistor [
Ω]
R
1, R2, R3 = internal resistors
[
Ω]
k
u
= trim up factor
[ ]
k
d
= trim down factor
[ ]
Trim Up: Vout
set= 26.4VDC
Vout
nom = 24V, DVout = 2.4V (10%)
Trim down: Vout
set= 21.6VDC
Vout
nom = 24V, DVout = -2.4V (-10%)
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% typ.
Line Regulation
low line to high line, full load
Single
±0.2% typ.
Dual
±0.5% typ.
Load Regulation
0% to 100% load
Single
0.2% typ.
Dual
1.0% typ.
Cross Regulation
asymmetrical load 25% / 100%
±0.5% typ.
Transient Response Recovery Time
25% load step change (75% - 100%)
250µs
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
continuous, auto recovery
Over Load Protection (OLP)
hiccup mode
nom. Vin= 24VDC
170% of rated I
OUT
nom. Vin= 48VDC
190% of rated I
OUT
Over Temperature Protection (OTP)
automatic restart after cool down
115°C
continued on next page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com