Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ6682CI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ6682CI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ6682CI
Download  AOZ6682CI Download
File Size   1433.25 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 2A Synchronous Buck Regulator

AOZ6682CI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ6682CI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ6682CI
Download  AOZ6682CI Click to download

File Size   1433.25 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 2A Synchronous Buck Regulator

AOZ6682CI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ6682CI Product details

General Description
The AOZ6682CI is a high efficiency, easy to use, 2A
synchronous buck regulators at fixed switching frequency
for small form factor solution. AOZ6682CI works from
4.5V to 18V input voltage range, and provides up to 2A of
continuous output current with an output voltage adjustable
down to 0.8V.
The AOZ6682CI features fixed frequency operation at heavy
load and Pulse Energy Mode (PEM) at light load, providing
best efficiency across whole load range. The control loop of
AOZ6682CI is internally compensated, allowing for simple
system design and minimal component count by eliminating
the need of external compensation network.
AOZ6682CI also features built-in enable control, internal
soft-start and many protection functions, including cycleby-
cycle current limit, short-circuit protection, output overvoltage
protection, input under-voltage lockout and overtemperature
protection.
AOZ6682CI comes in an ultra-thin TSOT23-6L package and
is rated from -40°C to +125°C junction temperature range.

Features
• 4.5V to 18V operating input voltage range
• 2A continuous output current
• Synchronous Buck with Low on-resistance:
- 125mΩ High-Side
- 55mΩ Low-Side
• Up to 95% efficiency
• Pulse energy mode for high light load efficiency
• (VIN=12V, VOUT=5V, 89% efficiency at 10mA)
• Output voltage adjustable down to 0.8V
• 750kHz PWM operation
• Internal compensation
• Internal soft start
• Capable to handle pre-bias start-up
• Cycle-by-cycle current limit
• Output over-voltage protection
• Short-circuit protection
• Thermal shutdown
• Ultra-thin TSOT23-6L package

Applications
• General Point-of-load
• High performance LCD TV
• High performance cable modems




Similar Part No. - AOZ6682CI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6683CI AOSMD-AOZ6683CI Datasheet
656Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 2.2 May 2021
AOZ6689CI AOSMD-AOZ6689CI Datasheet
657Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.1 May 2021
More results


Similar Description - AOZ6682CI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
EZBuck??2A Synchronous Buck Regulator
AOZ1252 AOSMD-AOZ1252 Datasheet
570Kb / 13P
2A EZBuck??Synchronous Buck Regulator
AOZ1020AI-EVB AOSMD-AOZ1020AI-EVB Datasheet
206Kb / 4P
EZBuck??2A Synchronous Buck Regulator Evaluation Board Note
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
AOZ1037PI-01 AOSMD-AOZ1037PI-01 Datasheet
925Kb / 14P
EZBuck™ 5A Synchronous Buck Regulator
Rev. 0.2 February 2012
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com