Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1252 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1252 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1252
Download  AOZ1252 Download
File Size   570.07 Kbytes
Page   13 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 2A EZBuck??Synchronous Buck Regulator

AOZ1252 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1252 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1252
Download  AOZ1252 Click to download

File Size   570.07 Kbytes
Page   13 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 2A EZBuck??Synchronous Buck Regulator

AOZ1252 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOZ1252

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
3A EZBuck??Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
4A EZBuck??Synchronous Buck Regulator
More results


Similar Description - AOZ1252

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
EZBuck??2A Synchronous Buck Regulator
AOZ1020AI-EVB AOSMD-AOZ1020AI-EVB Datasheet
206Kb / 4P
EZBuck??2A Synchronous Buck Regulator Evaluation Board Note
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
EZBuck 6A Synchronous Buck Regulator
AOZ6682CI AOSMD-AOZ6682CI Datasheet
1Mb / 14P
EZBuck™ 2A Synchronous Buck Regulator
Rev. 1.2 May 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com