Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P49EE802 Datasheet (PDF) - Renesas Technology Corp

5P49EE802 Datasheet PDF - Renesas Technology Corp
Part # 5P49EE802
Download  5P49EE802 Download
File Size   563.79 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® Low-power Clock Generator

5P49EE802 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P49EE802 Datasheet PDF - Renesas Technology Corp

Part # 5P49EE802
Download  5P49EE802 Click to download

File Size   563.79 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® Low-power Clock Generator

5P49EE802 Datasheet (HTML) - Renesas Technology Corp


5P49EE802 Product details

Description
The 5P49EE802 is a programmable clock generator intended
for low power, battery operated consumer applications. There
are four internal PLLs, each individually programmable,
allowing for up to eight different output frequencies. The
frequencies are generated from a single reference clock. The
reference clock can come from either a TCXO or fundamental
mode crystal. An additional 32kHz crystal oscillator is
available to provide a real time clock or non-critical
performance MHz processor clock.
The 5P49EE802 can be programmed through the use of the
I
2C interfaces. The programming interface enables the device
to be programmed when it is in normal operation or what is
commonly known as in system programmable. An internal
EEPROM allows the user to save and restore the
configuration of the device without having to reprogram it on
power-up.
Each of the four PLLs has an 8-bit reference divider and a
11-bit feedback divider. This allows the user to generate four
unique non-integer-related frequencies. The PLL loop
bandwidth is programmable to allow the user to tailor the PLL
response to the application. For instance, the user can tune
the PLL parameters to minimize jitter generation or to
maximize jitter attenuation. Spread spectrum generation is
supported on one of the PLLs.
Spread spectrum generation is supported on one of the PLLs.
The device is specifically designed to work with display
applications to ensure that the spread profile remains
consistent for each HSYNC in order to reduce ROW noise. It
also may operate in standard spread spectrum mode.
There are total seven 8-bit output dividers. Outputs are
LVCMOS. The outputs are connected to the PLLs via the
switch matrix. The switch matrix allows the user to route the
PLL outputs to any output bank. This feature can be used to
simplify and optimize the board layout. In addition, each
output's slew rate and enable/disable function can be
programmed.

Features
• Four internal PLLs
• Internal non-volatile EEPROM
• Internal I2C EEPROM master interface
• FAST (400kHz) mode I2C serial interfaces
• Input Frequencies
– TCXO: 10 MHz to 40 MHz
– Crystal: 8 MHz to 30 MHz
– RTC Crystal: 32.768 kHz
• Output Frequency Ranges: kHz to 120 MHz
• Each PLL has an 8-bit reference divider and a 11-bit
feedback-divider
• 8-bit output-divider blocks
• One of the PLLs support Spread Spectrum generation
capable of configuration to pixel rate, with adjustable
modulation rate and amplitude to support video clock with
no visible artifacts
• I/O Standards:
– Outputs - 1.8V/2.5V/3.3 V LVTTL/ LVCMOS
– 3 independent adjustable VDDO groups
• Programmable Slew Rate Control
• Programmable Loop Bandwidth Settings
• Programmable output inversion to reduce bimodal jitter
• Individual output enable/disable
• Power-down/Sleep mode
– 10A max in power down mode
– 32kHz clock output active sleep mode
– 100A max in sleep mode
• 1.8V VDD Core Voltage
• Available in 28 pin 4x4mm QFN packages
• -40 to +85°C Industrial Temp operation




Similar Part No. - 5P49EE802

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
VersaClock Low-power Clock Generator
5P49EE802NDGI IDT-5P49EE802NDGI Datasheet
448Kb / 25P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
5P49EE802NDGI IDT-5P49EE802NDGI Datasheet
279Kb / 28P
VersaClock Low-power Clock Generator
5P49EE802NDGI8 IDT-5P49EE802NDGI8 Datasheet
448Kb / 25P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
5P49EE802NDGI8 IDT-5P49EE802NDGI8 Datasheet
279Kb / 28P
VersaClock Low-power Clock Generator
More results


Similar Description - 5P49EE802

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5P49EE502-166 RENESAS-5P49EE502-166 Datasheet
715Kb / 15P
5-Output VersaClock® Low-Power Clock Generator
MAY 10, 2019
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
IDT5P49EE502 RENESAS-IDT5P49EE502 Datasheet
428Kb / 27P
VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111714
IDT5P49EE602 RENESAS-IDT5P49EE602 Datasheet
452Kb / 27P
VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111814
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com