Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS37610 Datasheet (PDF) - Allegro MicroSystems

ACS37610 Datasheet PDF - Allegro MicroSystems
Part # ACS37610
Download  ACS37610 Download
File Size   4033.3 Kbytes
Page   40 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection

ACS37610 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS37610 Datasheet PDF - Allegro MicroSystems

Part # ACS37610
Download  ACS37610 Click to download

File Size   4033.3 Kbytes
Page   40 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection

ACS37610 Datasheet (HTML) - Allegro MicroSystems


ACS37610 Product details

FEATURES AND BENEFITS
• Eliminates need for concentrator core or shield
• Contactless, lossless, non-invasive current sensing
• Suited for applications where current flows through
busbar or PCB
• High operating bandwidth: DC to 250 kHz
• Overcurrent (OCF) and Overtemperature (OTF)
detection on Fault Pin
• Differential Hall sensing rejects common-mode
magnetic fields
• Very fast response time (<2 μs typ)
• Wide sensing range (3 to 28 mV/G)
□ Ideal for sensing currents from 100 A to >4000 A
• Factory-programmed segmented linear temperature
compensation (TC) provides low thermal drift
□ Sensitivity ±1% (typ)
□ Offset ±3 mV (typ)
• Customer-programmable, high-resolution offset and
sensitivity trim
• Wide Hall elements spacing for improved SNR and
thermal performance
• Ultra-sensitive Hall elements for improved noise
performance
• Wide ambient temperature range: –40°C to 150°C
• 3.3 or 5.0 V single supply operation
• Programmable through Output pin or through dedicated
Programming pin for easier device programming
• AEC-Q100 Grade 0, automotive qualified
• Monolithic Hall IC for high reliability
• Surface mount, small footprint, low-profile
TSSOP8 package

DESCRIPTION
The Allegro ACS37610 current sensor IC enables low-cost
solutions for AC and DC current sensing without the need for an
external field concentrator core or a U-shaped magnetic shield.
It is designed for applications where hundreds or thousands of
amps flow through a busbar or PCB.
Current flowing through a busbar or PCB trace generates a
magnetic field that is sensed by the monolithic, low-offset, linear
Hall IC. The differential sensing topology virtually eliminates all
types of errors due to common-mode stray magnetic fields. The
wide spacing between the differential Hall elements (2.58 mm)
coupled with the increased sensitivity of each Hall element enable
the ACS37610 to achieve superior signal to noise (SNR) and
improved resolution. While not mandatory, a notch or slit in the
current-carrying busbar or PCB copper trace provides further
improvements to the system’s SNR. High isolation is achieved
via the no-contact nature of this simple assembly.
The ACS37610 is offered with regular and low-power mode,
enabling customers to achieve optimal SNR and power
consumption. A dedicated user-programmable overcurrent and
overtemperature fault pin, and a slew of built-in diagnostics,
including broken ground and VCC detection, make it ideal for
safety-critical applications. The accuracy and flexibility of this device
is enhanced by user programmability, performed via the output pin or
through the dedicated programming pin, which allows the device to
be optimized in the application and cancels errors due to mechanical
assembly tolerances on the PCB. Device specifications apply across
an extended ambient temperature range: –40°C to 150°C.
The ACS37610 is suitable for space-constrained applications because
of its low-profile 8-pin surface mount TSSOP package (thin-shrink
small outline package, suffix LU) that is lead (Pb) free, with 100%
matte tin leadframe plating. The sensor can be mounted in a horizontal
or vertical orientation relative to the busbar, providing superior
flexibility in mechanical assemblies.




Similar Part No. - ACS37610

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS37610H ALLEGRO-ACS37610H Datasheet
5Mb / 36P
Coreless, High Precision, Hall-Effect Current Sensor IC
August 16, 2023
ACS37610LLUATR-050B5 ALLEGRO-ACS37610LLUATR-050B5 Datasheet
5Mb / 36P
Coreless, High Precision, Hall-Effect Current Sensor IC
August 16, 2023
More results


Similar Description - ACS37610

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1334 ALLEGRO-A1334 Datasheet
954Kb / 20P
Precision Hall-Effect Angle Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS71240 ALLEGRO-ACS71240 Datasheet
1Mb / 21P
Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS37612 ALLEGRO-ACS37612 Datasheet
2Mb / 22P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection and High Bandwidth (240 kHz)
logo
Texas Instruments
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1126 TI1-TMCS1126 Datasheet
2Mb / 39P
TMCS1126 Precision 500kHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
NOVEMBER 2023
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com