Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS37610H Datasheet (PDF) - Allegro MicroSystems

ACS37610H Datasheet PDF - Allegro MicroSystems
Part # ACS37610H
Download  ACS37610H Download
File Size   5583.46 Kbytes
Page   36 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Coreless, High Precision, Hall-Effect Current Sensor IC

ACS37610H Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS37610H Datasheet PDF - Allegro MicroSystems

Part # ACS37610H
Download  ACS37610H Click to download

File Size   5583.46 Kbytes
Page   36 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Coreless, High Precision, Hall-Effect Current Sensor IC

ACS37610H Datasheet (HTML) - Allegro MicroSystems


ACS37610H Product details

FEATURES AND BENEFITS
Eliminates need for concentrator core or shield
• Contactless, lossless, noninvasive current sensing
• Suited for applications where current flows through
busbar or PCB
• High operating bandwidth: DC to 200 kHz
• Overcurrent (OCF) and overtemperature (OTF)
detection on fault pin
• Differential Hall sensing rejects common-mode
magnetic fields
• Very fast response time (<2 μs typical)
• Very high sensitivity (40 to 60 mV/G)
□ Ideal for sensing currents on a PCB from 50 A
• Factory-programmed segmented linear temperature
compensation (TC) provides low thermal drift
□ Sensitivity ±1% (typical)
□ Offset ±3 mV (typical)
• Customer-programmable, high-resolution offset and
sensitivity trim
• Wide Hall-element spacing for improved SNR and
thermal performance
• Ultra-sensitive Hall elements for improved noise
performance
Wide ambient temperature range: –40°C to 150°C
• 3.3 or 5 V single-supply operation
• Programmable through output pin or through dedicated
programming pin for easier device programming
• AEC-Q100 Grade 0, automotive qualified
• Monolithic Hall IC for high reliability
• Surface-mount, small-footprint, low-profile
TSSOP8 package
DESCRIPTION
The Allegro ACS37610H current sensor IC enables low-cost
solutions for AC and DC current sensing without the need for
an external field concentrator core or a U-shaped magnetic
shield. It is designed for applications where hundreds of amps
or more flow through a busbar or PCB.
Current flowing through a busbar or PCB trace generates a
magnetic field that is sensed by the monolithic, low-offset, linear
Hall IC. The differential sensing topology virtually eliminates all
types of errors due to common-mode stray magnetic fields. The
wide spacing between the differential Hall elements (2.58 mm)
coupled with the increased sensitivity of each Hall element enable
the ACS37610H to achieve superior signal to noise (SNR) and
improved resolution. While not mandatory, a notch or slit in the
current-carrying busbar or PCB copper trace provides further
improvements to system SNR. High isolation is achieved via
the no-contact nature of this simple assembly.
The ACS37610H is offered with regular and low-power
modes, enabling customers to achieve optimal SNR and power
consumption. A dedicated user-programmable overcurrent and
overtemperature fault pin and a slew of built-in diagnostics,
including broken ground and VCC detection, make it ideal for
safety-critical applications. The accuracy and flexibility of this device
is enhanced by user programmability, performed via the output pin or
through the dedicated programming pin, which allows the device to
be optimized in the application and cancels errors due to mechanical
assembly tolerances on the PCB. Device specifications apply across
an extended ambient temperature range: –40°C to 150°C.
The ACS37610H is suitable for space-constrained applications
because of its low-profile 8-pin surface-mount thin-shrink smalloutline package (TSSOP; Allegro suffix LU) that is lead (Pb) free,

with 100% matte tin leadframe plating. The sensor can be mounted
in a horizontal or vertical orientation relative to the busbar, providing
superior flexibility in mechanical assemblies.





Similar Part No. - ACS37610H

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS37610 ALLEGRO-ACS37610 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
ACS37610LLUATR-005B5 ALLEGRO-ACS37610LLUATR-005B5 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
ACS37610LLUATR-010B3 ALLEGRO-ACS37610LLUATR-010B3 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
ACS37610LLUATR-010B5 ALLEGRO-ACS37610LLUATR-010B5 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
ACS37610LLUATR-020B5 ALLEGRO-ACS37610LLUATR-020B5 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
More results


Similar Description - ACS37610H

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
Allegro MicroSystems
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
Two-Wire High Precision Linear Hall-Effect Sensor IC
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
High Precision Hall Effect AC-Coupled Differential Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1421 ALLEGRO-A1421_16 Datasheet
1Mb / 15P
High Precision Hall Effect AC-Coupled Differential Sensor IC
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
A1334 ALLEGRO-A1334 Datasheet
954Kb / 20P
Precision Hall-Effect Angle Sensor IC
ACS37612 ALLEGRO-ACS37612 Datasheet
2Mb / 22P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection and High Bandwidth (240 kHz)
ACS37610 ALLEGRO-ACS37610 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
ACS72981XLR ALLEGRO-ACS72981XLR_V01 Datasheet
3Mb / 54P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 μΩ Current Conductor
Rev. 9 September 24, 2020
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com