Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP-WR Datasheet (PDF) - TRACO Electronic AG

TSP-WR Datasheet PDF - TRACO Electronic AG
Part # TSP-WR
Download  TSP-WR Download
File Size   795.1 Kbytes
Page   8 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Industrial Power Supplies TSP-WR Series, 180–600 Watt

TSP-WR Datasheet (PDF)

Go To PDF Page Download Datasheet
TSP-WR Datasheet PDF - TRACO Electronic AG

Part # TSP-WR
Download  TSP-WR Click to download

File Size   795.1 Kbytes
Page   8 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Industrial Power Supplies TSP-WR Series, 180–600 Watt

TSP-WR Datasheet (HTML) - TRACO Electronic AG


TSP-WR Product details

• For global use with single- and two phase
wide-range input 100/230–500 VAC
• Rugged metal case for harsh
industrial environments
• Industrial operating temperature
range: –25°C to +70°C
• Power OK signal
• Remote On/Off
• Shock and vibration-proof
• Indefinite short circuit, overvoltage
and overtemperature protection
• Redundancy module
• Buffer module for power backup
• Battery controller module
• 3-year product warranty




Similar Part No. - TSP-WR

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSP-WMK02 TRACOPOWER-TSP-WMK02 Datasheet
715Kb / 9P
Industrial Power Supplies TSPC Series, 50–480 Watt
Rev. February 28, 2023
TSP-WMK02 TRACOPOWER-TSP-WMK02 Datasheet
853Kb / 9P
Industrial Power Supplies TSP-Series
Rev. December 5, 2022
TSP-WMK02 TRACOPOWER-TSP-WMK02 Datasheet
282Kb / 1P
Wall Mounting Kit
Rev. November 30, 2022
TSP-WMK03 TRACOPOWER-TSP-WMK03 Datasheet
715Kb / 9P
Industrial Power Supplies TSPC Series, 50–480 Watt
Rev. February 28, 2023
TSP-WMK03 TRACOPOWER-TSP-WMK03 Datasheet
393Kb / 2P
Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
More results


Similar Description - TSP-WR

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3G-18-180 TRUMPOWER-3G-18-180 Datasheet
217Kb / 2P
180 WATT POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
180 WATT POWER ADAPTERS
logo
TRACO Electronic AG
TSP-BCM TRACOPOWER-TSP-BCM Datasheet
1Mb / 6P
Battery Controller Modules TSP-BCM Series, 72–600 Watt
Rev. February 15, 2023
TSP-BCMU TRACOPOWER-TSP-BCMU Datasheet
1Mb / 8P
Battery Controller Module TSP-BCMU360 Series, 360 Watt
Rev. November 23, 2021
TSP-BFM TRACOPOWER-TSP-BFM Datasheet
333Kb / 4P
Buffer Modules TSP-BFM Series, 90–600 Watt
Rev. February 11, 2021
TSP-REM TRACOPOWER-TSP-REM Datasheet
473Kb / 4P
Redundancy Modules TSP-REM Series, 90–600 Watt
Rev. May 3, 2021
TSP TRACOPOWER-TSP Datasheet
853Kb / 9P
Industrial Power Supplies TSP-Series
Rev. December 5, 2022
TSPC TRACOPOWER-TSPC Datasheet
715Kb / 9P
Industrial Power Supplies TSPC Series, 50–480 Watt
Rev. February 28, 2023
TPI180-M TRACOPOWER-TPI180-M Datasheet
1Mb / 5P
AC/DC Power Supply TPI 180-M Series, 180 Watt
Rev. February 8, 2023
TBL-BC TRACOPOWER-TBL-BC Datasheet
434Kb / 5P
Industrial Power Supplies TBL-BC Series, 60 Watt
Rev. September 26. 2016
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com