Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP Datasheet (PDF) - TRACO Electronic AG

TSP Datasheet PDF - TRACO Electronic AG
Part # TSP
Download  TSP Download
File Size   853.69 Kbytes
Page   9 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Industrial Power Supplies TSP-Series

TSP Datasheet (PDF)

Go To PDF Page Download Datasheet
TSP Datasheet PDF - TRACO Electronic AG

Part # TSP
Download  TSP Click to download

File Size   853.69 Kbytes
Page   9 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Industrial Power Supplies TSP-Series

TSP Datasheet (HTML) - TRACO Electronic AG


TSP Product details

Innovative and Powerful Features!
◆ Rugged metal case for
harsh industrial environments
◆ Shock and vibration proof
◆ Worlwide Safety approval package.
◆ ATEX certification (opt. EX)
◆ Model TSP 090-124N meets NEC class 2
◆ Industrial operating temperature range:
–25°C to +70°C
◆ Adjustable output voltage
◆ Protection against short-circuit,
overvoltage and over-temperature
◆ Power OK signal, Remote On/Off
◆ Wall mounting (opt.)
◆ 3-year product warranty




Similar Part No. - TSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSP VISHAY-TSP Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
logo
Transko Electronics, In...
TSP TRANSKO-TSP Datasheet
295Kb / 1P
PLASTIC MOLDED STANDARD SMD OSCILLATOR (14.0 x 9.8 x 4.7mm)
Rev.2: Mar. 2020
logo
SICK AG
TSP-1MAG10305MZ SICK-TSP-1MAG10305MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
TSP-1MAG10405MZ SICK-TSP-1MAG10405MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
TSP-1MAG10506MZ SICK-TSP-1MAG10506MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
More results


Similar Description - TSP

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HWS300P RSG-HWS300P Datasheet
367Kb / 3P
Peak Power Industrial Power Supplies
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
Touchstone Semiconducto...
TIS TOUCHSTONE-TIS Datasheet
1Mb / 13P
Industrial Power Supplies
logo
TDK Electronics
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
Single Output Industrial Power Supplies
logo
Red Lion Controls. Inc
XX-PS-024 REDLION-XX-PS-024 Datasheet
1Mb / 3P
Industrial Power Supplies
logo
TRACO Electronic AG
TSP-WR TRACOPOWER-TSP-WR Datasheet
795Kb / 8P
Industrial Power Supplies TSP-WR Series, 180–600 Watt
Rev. November 23, 2018
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com