Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1E Datasheet (PDF) - TRACO Electronic AG

TEA1E Datasheet PDF - TRACO Electronic AG
Part # TEA1E
Download  TEA1E Download
File Size   2297.19 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEA 1E Series, 1 Watt

TEA1E Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA1E Datasheet PDF - TRACO Electronic AG

Part # TEA1E
Download  TEA1E Click to download

File Size   2297.19 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEA 1E Series, 1 Watt

TEA1E Datasheet (HTML) - TRACO Electronic AG


TEA1E Product details

• Highly cost efficient design
• I/O isolation: 1’500 VDC
• Operating temperature range
-40 to +85 °C without derating
• 5 VDC (±10%) input voltage range
• Unregulated outputs
• Efficiency up to 78%
• Industry standard SIP-7 package
• 3-year product warranty




Similar Part No. - TEA1E

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505 TRACOPOWER-TEA1-0505 Datasheet
1Mb / 3P
TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505HI TRACOPOWER-TEA1-0505HI Datasheet
1Mb / 3P
TEA 1HI Series, 1 Watt
Rev. November 30, 2022
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
Simple Phase Control Circuit
logo
List of Unclassifed Man...
TEA1007 ETC1-TEA1007 Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results


Similar Description - TEA1E

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF754 YAMAHA-YMF754 Datasheet
305Kb / 60P
DS-1E
logo
Richco, Inc.
LEDS1E-3-01 RICHCO-LEDS1E-3-01 Datasheet
77Kb / 1P
LED SPACERS (TYPE 1E)
logo
Panasonic Battery Group
ELG-TEA PANASONICBATTERY-ELG-TEA Datasheet
135Kb / 1P
New ELG-TEA Series
logo
TRACO Electronic AG
TBA1E TRACOPOWER-TBA1E Datasheet
1,017Kb / 3P
DC/DC Converter TBA 1E Series, 1 Watt
Rev. November 30, 2022
TDU1 TRACOPOWER-TDU1 Datasheet
813Kb / 4P
TDU 1 Series, 1 Watt
Rev. January 31, 2023
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1HI TRACOPOWER-TEA1HI Datasheet
1Mb / 3P
TEA 1HI Series, 1 Watt
Rev. November 30, 2022
TES1 TRACOPOWER-TES1 Datasheet
906Kb / 4P
TES 1 Series, 1 Watt
Rev. November 30, 2022
TSR1E TRACOPOWER-TSR1E Datasheet
811Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1E Series, 1 A
Rev. November 30, 2022
logo
Bellnix Co.,Ltd.
BUD_D BELLNIX-BUD_D Datasheet
1Mb / 14P
1 Watt BUD Series
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com