Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN3N Datasheet (PDF) - TRACO Electronic AG

TEN3N Datasheet PDF - TRACO Electronic AG
Part # TEN3N
Download  TEN3N Download
File Size   932.16 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 3N Series, 3 Watt

TEN3N Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN3N Datasheet PDF - TRACO Electronic AG

Part # TEN3N
Download  TEN3N Click to download

File Size   932.16 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 3N Series, 3 Watt

TEN3N Datasheet (HTML) - TRACO Electronic AG


TEN3N Product details

• Wide 2:1 input range
• Input filter to meet EN 55032,
class A and FCC, level A without
external components
• Extended operating temperature
range –40°C to +85°C
• Models with 1’500 VDC and 3’000 VDC
I/O isolation (functional insulation)
• High reliability, MTBF >1.0 Mio. h
• 3-year product warranty




Similar Part No. - TEN3N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN3-0510 TRACOPOWER-TEN3-0510 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN3-0511 TRACOPOWER-TEN3-0511 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN3-0512 TRACOPOWER-TEN3-0512 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN3-0513 TRACOPOWER-TEN3-0513 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
More results


Similar Description - TEN3N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEM3N TRACOPOWER-TEM3N Datasheet
895Kb / 4P
TEM 3N Series, 3 WattTEM 3N Series, 3 Watt
Rev. Januaryy 13, 2023
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3WIRH TRACOPOWER-TEN3WIRH Datasheet
969Kb / 5P
TEN 3WIRH Series, 3 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN3WI TRACOPOWER-TEN3WI Datasheet
219Kb / 3P
DC/DC Converters TEN 3WI Series, 3 Watt
Rev. February 20, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com