Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN40E Datasheet (PDF) - TRACO Electronic AG

TEN40E Datasheet PDF - TRACO Electronic AG
Part # TEN40E
Download  TEN40E Download
File Size   995.13 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 40E Series, 40 Watt

TEN40E Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN40E Datasheet PDF - TRACO Electronic AG

Part # TEN40E
Download  TEN40E Click to download

File Size   995.13 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 40E Series, 40 Watt

TEN40E Datasheet (HTML) - TRACO Electronic AG


TEN40E Product details

• Developed to maximize quality in a cost
efficient design
• Excellent temperature capabilities
• 2” x 1” metal package (6-side shielded)
• Wide 2:1 input voltage range:
9-18, 18-36, 36-75 VDC
• Minimal heat development due to high
efficiencies up to 93%
• Operating temperature range -40 to
+85°C
• 1600 VDC I/O-isolation
• Remote On/Off and Trim function
• Protection against short circuit,
overvoltage and overtemperature
• 3-year product warranty




Similar Part No. - TEN40E

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN40 TRACOPOWER-TEN40 Datasheet
947Kb / 6P
TEN 40 Series, 40 Watt
Rev. November 30, 2022
TEN40-11011WIRH TRACOPOWER-TEN40-11011WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEN40-11012WIRH TRACOPOWER-TEN40-11012WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEN40-11013WIRH TRACOPOWER-TEN40-11013WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEN40-11015WIRH TRACOPOWER-TEN40-11015WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
More results


Similar Description - TEN40E

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN40 TRACOPOWER-TEN40 Datasheet
947Kb / 6P
TEN 40 Series, 40 Watt
Rev. November 30, 2022
TEN40N TRACOPOWER-TEN40N Datasheet
921Kb / 5P
TEN 40N Series, 40 Watt
Rev. November 30, 2022
TEN40WI TRACOPOWER-TEN40WI Datasheet
899Kb / 5P
TEN 40WI Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN40WIN TRACOPOWER-TEN40WIN Datasheet
925Kb / 5P
TEN 40WIN Series, 40 Watt
Rev. November 30, 2022
TEN40WIR TRACOPOWER-TEN40WIR Datasheet
925Kb / 5P
TEN 40WIR Series, 40 Watt
Rev. November 30, 2022
TEN40WIRH TRACOPOWER-TEN40WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TPP40E-D TRACOPOWER-TPP40E-D Datasheet
991Kb / 5P
AC/DC Medical Power Supply TPP 40E-D Series, 40 Watt
Rev. November 30, 2022
TPP40E-J TRACOPOWER-TPP40E-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 40E-J Series, 40 Watt
Rev. February 13, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com