Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN40WIN Datasheet (PDF) - TRACO Electronic AG

TEN40WIN Datasheet PDF - TRACO Electronic AG
Part # TEN40WIN
Download  TEN40WIN Download
File Size   925.58 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 40WIN Series, 40 Watt

TEN40WIN Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN40WIN Datasheet PDF - TRACO Electronic AG

Part # TEN40WIN
Download  TEN40WIN Click to download

File Size   925.58 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 40WIN Series, 40 Watt

TEN40WIN Datasheet (HTML) - TRACO Electronic AG


TEN40WIN Product details

• Highest power density: 40 W
in 1” x 2” x 0.4” package
• Ultra wide 4:1 input range
• Excellent efficiency up to 90 %
• Output voltage adjustable
• Remote On/Off
• Protection against short circuit
and over voltage
• I/O isolation 1500 VDC
• Operating temperature range
–40°C to +75°C
• 3-year product warranty




Similar Part No. - TEN40WIN

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN40WI TRACOPOWER-TEN40WI Datasheet
899Kb / 5P
TEN 40WI Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN40WIR TRACOPOWER-TEN40WIR Datasheet
925Kb / 5P
TEN 40WIR Series, 40 Watt
Rev. November 30, 2022
TEN40WIRH TRACOPOWER-TEN40WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
More results


Similar Description - TEN40WIN

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN40 TRACOPOWER-TEN40 Datasheet
947Kb / 6P
TEN 40 Series, 40 Watt
Rev. November 30, 2022
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN40N TRACOPOWER-TEN40N Datasheet
921Kb / 5P
TEN 40N Series, 40 Watt
Rev. November 30, 2022
TEN40WI TRACOPOWER-TEN40WI Datasheet
899Kb / 5P
TEN 40WI Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN40WIR TRACOPOWER-TEN40WIR Datasheet
925Kb / 5P
TEN 40WIR Series, 40 Watt
Rev. November 30, 2022
TEN40WIRH TRACOPOWER-TEN40WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com