Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPW25 Datasheet (PDF) - TRACO Electronic AG

TMPW25 Datasheet PDF - TRACO Electronic AG
Part # TMPW25
Download  TMPW25 Download
File Size   1002.87 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPW 25 Series, 25 Watt

TMPW25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPW25 Datasheet PDF - TRACO Electronic AG

Part # TMPW25
Download  TMPW25 Click to download

File Size   1002.87 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPW 25 Series, 25 Watt

TMPW25 Datasheet (HTML) - TRACO Electronic AG


TMPW25 Product details

• Compact PCB power module in 2.07" x
1.08" package
• Wide input voltage range 90-305 VAC
• Certified according to EN 60335-1 an
IEC/EN/UL 62368-1
• I/O-Isolation 4’000 VAC
• Operating temperature range –40°C to
+70°C
• No load input power <0.1W (acc. ErP
directive)
• High efficiency up to 88%
• Internal EN 55032 class B filter
• Protection class II prepared
• 3 year product warranty




Similar Part No. - TMPW25

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMPW25-105-J TRACOPOWER-TMPW25-105-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
TMPW25-112-J TRACOPOWER-TMPW25-112-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
TMPW25-115-J TRACOPOWER-TMPW25-115-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
TMPW25-124-J TRACOPOWER-TMPW25-124-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
TMPW25-J TRACOPOWER-TMPW25-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
More results


Similar Description - TMPW25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS25 WALL-PSS25 Datasheet
158Kb / 3P
25 Watt Single Output AC/DC Power Supply
logo
ETA-USA
DAC25-FWX ETA-USA-DAC25-FWX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TMPW10-J TRACOPOWER-TMPW10-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 10-J Series, 10 Watt
Rev. November 30, 2022
TMPW10 TRACOPOWER-TMPW10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPW 10 Series, 10 Watt
Rev. November 30, 2022
TMPW25-J TRACOPOWER-TMPW25-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
TMPW5 TRACOPOWER-TMPW5 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
TMPW50 TRACOPOWER-TMPW50 Datasheet
1,012Kb / 4P
AC/DC Power Supply TMPW 50 Series, 50 Watt
Rev. November 30, 2022
TXLN025 TRACOPOWER-TXLN025 Datasheet
918Kb / 4P
AC/DC Power Supply TXLN 025 Series, 25 Watt
Rev. March 16, 2023
TXM025 TRACOPOWER-TXM025 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 025 Series, 25 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com