Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXM025 Datasheet (PDF) - TRACO Electronic AG

TXM025 Datasheet PDF - TRACO Electronic AG
Part # TXM025
Download  TXM025 Download
File Size   1334.88 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXM 025 Series, 25 Watt

TXM025 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXM025 Datasheet PDF - TRACO Electronic AG

Part # TXM025
Download  TXM025 Click to download

File Size   1334.88 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXM 025 Series, 25 Watt

TXM025 Datasheet (HTML) - TRACO Electronic AG


TXM025 Product details

• Very compact metal cased power
supplies
• High operating temperature up to 70°C
• Low no load power consumption <0.5W
• Screw terminal block
• No internal fan
• Universal AC input, full range
• Withstand 300 VAC surge input for 5 s
• Adjustable output voltage
• 3-year product warranty




Similar Part No. - TXM025

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TXM015 TRACOPOWER-TXM015 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
TXM015-103 TRACOPOWER-TXM015-103 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
TXM015-105 TRACOPOWER-TXM015-105 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
TXM015-112 TRACOPOWER-TXM015-112 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
TXM015-115 TRACOPOWER-TXM015-115 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
More results


Similar Description - TXM025

ManufacturerPart #DatasheetDescription
logo
ETA-USA
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TXL025 TRACOPOWER-TXL025 Datasheet
294Kb / 3P
AC/DC Enclosed Power Supply TXL 025 Series, 25 Watt
Rev. March 21, 2023
TXLN025 TRACOPOWER-TXLN025 Datasheet
918Kb / 4P
AC/DC Power Supply TXLN 025 Series, 25 Watt
Rev. March 16, 2023
TXM015 TRACOPOWER-TXM015 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
TXM035 TRACOPOWER-TXM035 Datasheet
2Mb / 4P
AC/DC Power Supply TXM 035 Series, 35 Watt
Rev. March 16, 2023
TXM050 TRACOPOWER-TXM050 Datasheet
2Mb / 4P
AC/DC Power Supply TXM 050 Series, 50 Watt
Rev. March 16, 2023
TXM075 TRACOPOWER-TXM075 Datasheet
3Mb / 4P
AC/DC Power Supply TXM 075 Series, 75 Watt
Rev. March 16, 2023
TXM100 TRACOPOWER-TXM100 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 100 Series, 100 Watt
Rev. March 16, 2023
TXM150 TRACOPOWER-TXM150 Datasheet
3Mb / 4P
AC/DC Power Supply TXM 150 Series, 150 Watt
Rev. March 16, 2023
TXM200 TRACOPOWER-TXM200 Datasheet
3Mb / 5P
AC/DC Power Supply TXM 200 Series, 200 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com