Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXM200 Datasheet (PDF) - TRACO Electronic AG

TXM200 Datasheet PDF - TRACO Electronic AG
Part # TXM200
Download  TXM200 Download
File Size   3333.95 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXM 200 Series, 200 Watt

TXM200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXM200 Datasheet PDF - TRACO Electronic AG

Part # TXM200
Download  TXM200 Click to download

File Size   3333.95 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXM 200 Series, 200 Watt

TXM200 Datasheet (HTML) - TRACO Electronic AG


TXM200 Product details

• Compact 200 Watt metal cased power
supplies
• Fully convection cooled power supplies
• Cost efficient design
• High operating temperature up to 65°C
• Universal AC input 90 - 264 VAC
• Active power factor correction >0.95
• Withstand 300 VAC surge input for 5 s
• Adjustable output voltage
• Over current limitation and short circuit
protection
• 3-year product warranty




Similar Part No. - TXM200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM24C-1CG ETC2-TXM24C-1CG Datasheet
394Kb / 9P
IP65 Rated NEMA 24 Integrated CANopen StepSERVO??Motor
TXM24C-3CG ETC2-TXM24C-3CG Datasheet
311Kb / 8P
IP65 Rated NEMA 24 Integrated CANopen StepSERVO??Motor
TXM24IP-1EG ETC2-TXM24IP-1EG Datasheet
400Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ EtherNet/IP
TXM24IP-3EG ETC2-TXM24IP-3EG Datasheet
320Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ EtherNet/IP
TXM24Q-1AG ETC2-TXM24Q-1AG Datasheet
400Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
More results


Similar Description - TXM200

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ZWE250-SX-F-W ETA-USA-ZWE250-SX-F-W Datasheet
444Kb / 3P
200 Watt AC/DC POWER SUPPLY
ZTMF200-SX-W ETA-USA-ZTMF200-SX-W Datasheet
584Kb / 6P
200-280 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TOP200 TRACOPOWER-TOP200 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
TXLN200 TRACOPOWER-TXLN200 Datasheet
979Kb / 5P
AC/DC Power Supply TXLN 200 Series, 200 Watt
Rev. March 16, 2023
TXM015 TRACOPOWER-TXM015 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
TXM025 TRACOPOWER-TXM025 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 025 Series, 25 Watt
Rev. March 16, 2023
TXM035 TRACOPOWER-TXM035 Datasheet
2Mb / 4P
AC/DC Power Supply TXM 035 Series, 35 Watt
Rev. March 16, 2023
TXM050 TRACOPOWER-TXM050 Datasheet
2Mb / 4P
AC/DC Power Supply TXM 050 Series, 50 Watt
Rev. March 16, 2023
TXM075 TRACOPOWER-TXM075 Datasheet
3Mb / 4P
AC/DC Power Supply TXM 075 Series, 75 Watt
Rev. March 16, 2023
TXM150 TRACOPOWER-TXM150 Datasheet
3Mb / 4P
AC/DC Power Supply TXM 150 Series, 150 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com